Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT240AFT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 74VHCT240AFT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHCT240AFT Datasheet(HTML) 6 Page - Toshiba Semiconductor

  74VHCT240AFT Datasheet HTML 1Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 2Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 3Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 4Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 5Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 6Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 7Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 8Page - Toshiba Semiconductor 74VHCT240AFT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74VHCT240AFT,74VHCT244AFT
6
11.4.
11.4.
11.4.
11.4. AC Characteristics (Unless otherwise specified, T
AC Characteristics (Unless otherwise specified, T
AC Characteristics (Unless otherwise specified, T
AC Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Propagation delay time
3-state output enable time
3-state output disable time
Output skew
Input capacitance
Output capacitance
Power dissipation
capacitance
Part Number
74VHCT240AFT
74VHCT244AFT
74VHCT240AFT
74VHCT244AFT
Symbol
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
tosLH,tosHL
CIN
COUT
CPD
CPD
Note
(Note 1)
(Note 2)
(Note 2)
Test
Condition
RL = 1 kΩ
RL = 1 kΩ
VCC (V)
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
CL (pF)
15
50
15
50
15
50
50
50
Min
Typ.
5.6
6.1
5.4
5.9
7.7
8.2
8.8
4
9
19
18
Max
7.8
8.8
7.4
8.4
10.4
11.4
11.4
1.0
10
Unit
ns
ns
ns
ns
ns
pF
pF
pF
Note 1: Parameter guaranteed by design. (tosLH = |tPLHm-tPLHn|, tosHL = |tPHLm-tPHLn|)
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load. Average operating current can be obtained by the equation.
ICC(opr) = CPD × VCC × fIN + ICC/8 (per bit)
11.5.
11.5.
11.5.
11.5. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Propagation delay time
3-state output enable time
3-state output disable time
Output skew
Input capacitance
Part Number
74VHCT240AFT
74VHCT244AFT
Symbol
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
tosLH,tosHL
CIN
Note
(Note 1)
Test
Condition
RL = 1 kΩ
RL = 1 kΩ
VCC (V)
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
CL (pF)
15
50
15
50
15
50
50
50
Min
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Max
9.0
10.0
8.5
9.5
12.0
13.0
13.0
1.0
10
Unit
ns
ns
ns
ns
ns
pF
Note 1: Parameter guaranteed by design. (tosLH = |tPLHm-tPLHn|, tosHL = |tPHLm-tPHLn|)
11.6.
11.6.
11.6.
11.6. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Propagation delay time
Propagation delay time
3-state output enable time
3-state output disable time
Output skew
Input capacitance
Part Number
74VHCT240AFT
74VHCT244AFT
Symbol
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
tosLH,tosHL
CIN
Note
(Note 1)
Test
Condition
RL = 1 kΩ
RL = 1 kΩ
VCC (V)
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
5.0 ± 0.5
CL (pF)
15
50
15
50
15
50
50
50
Min
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Max
10.0
11.0
9.5
10.5
13.0
14.5
14.5
1.0
10
Unit
ns
ns
ns
ns
ns
pF
Note 1: Parameter guaranteed by design. (tosLH = |tPLHm-tPLHn|, tosHL = |tPHLm-tPHLn|)
2017-02-23
Rev.4.0
©2017 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com