Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-T..RIA Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VS-T..RIA Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA Datasheet HTML 9Page - Vishay Siliconix VS-T..RIA Datasheet HTML 10Page - Vishay Siliconix VS-T..RIA Datasheet HTML 11Page - Vishay Siliconix VS-T..RIA Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
VS-T..RIA Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Jul-2018
10
Document Number: 93756
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT DRAWING
Single SCR
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95336
-
Module type
4
-
Circuit configuration
-
Voltage code x 10 = VRRM
5
-
Current rating
3
2
Device code
1
3
2
4
5
T
VS-
50
RIA
120
1
-
Vishay Semiconductors product
2
1
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com