Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-T..RIA Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VS-T..RIA
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-T..RIA Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VS-T..RIA Datasheet HTML 4Page - Vishay Siliconix VS-T..RIA Datasheet HTML 5Page - Vishay Siliconix VS-T..RIA Datasheet HTML 6Page - Vishay Siliconix VS-T..RIA Datasheet HTML 7Page - Vishay Siliconix VS-T..RIA Datasheet HTML 8Page - Vishay Siliconix VS-T..RIA Datasheet HTML 9Page - Vishay Siliconix VS-T..RIA Datasheet HTML 10Page - Vishay Siliconix VS-T..RIA Datasheet HTML 11Page - Vishay Siliconix VS-T..RIA Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 24-Apr-17
1
Document Number: 95336
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
D-55 (T-Module) Thyristor Standard
DIMENSIONS in millimeters (inches)
Note
•1 = anode
2 = cathode
3 ± 0.5
(0.12 ± 0.02)
3.9 ± 0.05
(0.15 ± 0.002)
8 ± 0.3
(0.31 ± 0.01)
M5
30 (1.18)
27 ± 0.3
(1.06 ± 0.01)
41 (1.61) max.
26 ± 1
(1.02 ± 0.04)
23.5 ± 0.5
(0.93 ± 0.02)
2
1
11
(0.43)
18
(0.71)
3 (0.12)
4.75 ± 0.1
(0.19 ± 0.004)
1.3 (0.05)
0.50 ± 0.03
(0.02 ± 0.001)
32 (1.26) max.
15 (0.59)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com