Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2962F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2962F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2962F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2962F Datasheet HTML 1Page - Toshiba Semiconductor TLP2962F Datasheet HTML 2Page - Toshiba Semiconductor TLP2962F Datasheet HTML 3Page - Toshiba Semiconductor TLP2962F Datasheet HTML 4Page - Toshiba Semiconductor TLP2962F Datasheet HTML 5Page - Toshiba Semiconductor TLP2962F Datasheet HTML 6Page - Toshiba Semiconductor TLP2962F Datasheet HTML 7Page - Toshiba Semiconductor TLP2962F Datasheet HTML 8Page - Toshiba Semiconductor TLP2962F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TLP2962F
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 125
= -40 to 125
= -40 to 125
= -40 to 125 
, V
, V
, V
, VCC
CC
CC
CC
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
= 2.7 to 5.5 V)
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
High-level output current
Low-level output voltage
High-level supply current
Low-level supply current
Threshold input current (H/L)
Symbol
VF
∆VF/∆Ta
IR
Ct
IOH
VOL
ICCH
ICCL
IFHL
Note
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V
VF = 0.8 V, VO = 5.5 V,
VCC = 5.5 V, Ta = 25 
IF = 5 mA
IO = 13 mA (Sinking)
IF = 0 mA
IF = 10 mA
IO = 13 mA (Sinking),
VO < 0.6 V, Ta = 25 
IO = 13 mA (Sinking),
VO < 0.6 V
Min
1.45
Typ.
1.55
-2.0
60
0.23
1.6
1.8
1.3
Max
1.7
10
50
10
0.6
4.0
4.0
2.8
5.0
Unit
V
mV/
µA
pF
µA
V
mA
Note:
All typical values are at Ta = 25 .
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1
× 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Ω
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2015-12-16
Rev.3.0
©2015 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com