Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2962F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2962F
Description  Photocouplers GaAℓAs Infrared LED & Photo IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2962F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2962F Datasheet HTML 1Page - Toshiba Semiconductor TLP2962F Datasheet HTML 2Page - Toshiba Semiconductor TLP2962F Datasheet HTML 3Page - Toshiba Semiconductor TLP2962F Datasheet HTML 4Page - Toshiba Semiconductor TLP2962F Datasheet HTML 5Page - Toshiba Semiconductor TLP2962F Datasheet HTML 6Page - Toshiba Semiconductor TLP2962F Datasheet HTML 7Page - Toshiba Semiconductor TLP2962F Datasheet HTML 8Page - Toshiba Semiconductor TLP2962F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLP2962F
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP2962F
TLP2962F
TLP2962F
TLP2962F
Start of commercial production
2011-09
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Factory Automation (FA)
•
High-Speed Digital Interfacing
•
Measuring Instruments
2.
2.
2.
2. General
General
General
General
The Toshiba TLP2962F consists of a high-output GaAℓAs light-emitting diode coupled with integrated high gain,
high-speed photodetectors. The TLP2962F guarantees operation at up to 125  and on supplies from 2.7 V to
5.5 V. It is housed in the DIP8 package. The TLP2962F has an internal Faraday shield that provides a guaranteed
common-mode transient immunity of ±20 kV/µs. The TLP2962F satisfies 8 mm PC board spacing requirements.
Absolute maximum ratings and electrical characteristics are the same as in the TLP2962.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Inverter logic type (open collector output)
(2)
Package: DIP8
(3)
Operating temperature: -40 to 125 
(4)
Supply voltage: 2.7 to 5.5 V
(5)
Data transfer rate: 15 MBd (typ.) (NRZ)
(6)
Threshold input current: 5.0 mA (max)
(7)
Supply current: 4 mA (max)
(8)
Common-mode transient immunity: ±20 kV/µs (min)
(9)
Isolation voltage: 5000 Vrms (min)
(10) Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5, EN60065 or EN60950-1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-12-16
Rev.3.0
©2015 Toshiba Corporation


Similar Part No. - TLP2962F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2962 TOSHIBA-TLP2962 Datasheet
320Kb / 13P
Photocouplers GaAAs Infrared LED & Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP2962F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP151A TOSHIBA-TLP151A Datasheet
273Kb / 12P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-06-09 Rev.4.0
TLP350HF TOSHIBA-TLP350HF Datasheet
505Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.8.0
TLP351A TOSHIBA-TLP351A Datasheet
384Kb / 18P
Photocouplers GaAℓAs Infrared LED & Photo IC
2015-12-09 Rev.5.0
TLP351H TOSHIBA-TLP351H Datasheet
496Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-10-19 Rev.8.0
TLP2735 TOSHIBA-TLP2735 Datasheet
761Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2018-01-19 Rev.2.0
TLP2767 TOSHIBA-TLP2767 Datasheet
767Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-22 Rev.1.0
TLP2770 TOSHIBA-TLP2770 Datasheet
720Kb / 20P
Photocouplers GaAℓAs Infrared LED & Photo IC
2017-11-15 Rev.2.0
TLP352 TOSHIBA-TLP352 Datasheet
529Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-09-27 Rev.7.0
TLP358H TOSHIBA-TLP358H Datasheet
516Kb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2016-04-18 Rev.6.0
TLP5832 TOSHIBA-TLP5832 Datasheet
1Mb / 21P
Photocouplers GaAℓAs Infrared LED & Photo IC
2019-02-26 Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com