| Electronic Components Datasheet Search |
|
DRA821U2...ALM Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 252 page ![]() Table 6-5. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_42 General Purpose Input/Output IO W14 GPIO0_43 General Purpose Input/Output IO W19 GPIO0_44 General Purpose Input/Output IO U13 GPIO0_45 General Purpose Input/Output IO V15 GPIO0_46 General Purpose Input/Output IO U21 GPIO0_47 General Purpose Input/Output IO T16 GPIO0_48 General Purpose Input/Output IO T17 GPIO0_49 General Purpose Input/Output IO T18 GPIO0_50 General Purpose Input/Output IO T20 GPIO0_51 General Purpose Input/Output IO W3 GPIO0_52 General Purpose Input/Output IO U5 GPIO0_53 General Purpose Input/Output IO Y1 GPIO0_54 General Purpose Input/Output IO V4 GPIO0_55 General Purpose Input/Output IO T5 GPIO0_56 General Purpose Input/Output IO V3 GPIO0_57 General Purpose Input/Output IO W2 GPIO0_58 General Purpose Input/Output IO U3 GPIO0_59 General Purpose Input/Output IO T3 GPIO0_60 General Purpose Input/Output IO V1 GPIO0_61 General Purpose Input/Output IO W1 GPIO0_62 General Purpose Input/Output IO N19 GPIO0_63 General Purpose Input/Output IO N20 GPIO0_64 General Purpose Input/Output IO N21 GPIO0_65 General Purpose Input/Output IO M19 GPIO0_66 General Purpose Input/Output IO P21 GPIO0_67 General Purpose Input/Output IO M20 GPIO0_68 General Purpose Input/Output IO T4 6.3.3.2 WKUP Domain Table 6-6. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ALF [4] WKUP_GPIO0_0 General Purpose Input/Output IO B18 WKUP_GPIO0_1 General Purpose Input/Output IO B19 WKUP_GPIO0_2 General Purpose Input/Output IO D14 WKUP_GPIO0_3 General Purpose Input/Output IO B21 WKUP_GPIO0_4 General Purpose Input/Output IO D13 WKUP_GPIO0_5 General Purpose Input/Output IO B16 WKUP_GPIO0_6 General Purpose Input/Output IO C14 WKUP_GPIO0_7 General Purpose Input/Output IO C18 WKUP_GPIO0_8 General Purpose Input/Output IO C21 WKUP_GPIO0_9 General Purpose Input/Output IO C19 WKUP_GPIO0_10 General Purpose Input/Output IO C20 WKUP_GPIO0_11 General Purpose Input/Output IO C16 WKUP_GPIO0_12 General Purpose Input/Output IO D19 www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 53 Product Folder Links: DRA821U-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |