| Electronic Components Datasheet Search |
|
DRA821U2...ALM Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U2...ALM Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 252 page ![]() Table 6-89. CPTS0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCU_CPTS0_HW1TSPUSH CPTS Hardware Time Stamp Push 1 I C14 MCU_CPTS0_HW2TSPUSH CPTS Hardware Time Stamp Push 2 I C18 6.3.22 MCASP 6.3.22.1 MAIN Domain Table 6-90. MCASP0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP0_ACLKR MCASP Receive Bit Clock IO U17 MCASP0_ACLKX MCASP Transmit Bit Clock IO W15 MCASP0_AFSR MCASP Receive Frame Sync IO U15 MCASP0_AFSX MCASP Transmit Frame Sync IO Y16 MCASP0_AXR0 MCASP Serial Data (Input/Output) IO W16 MCASP0_AXR1 MCASP Serial Data (Input/Output) IO Y21 MCASP0_AXR2 MCASP Serial Data (Input/Output) IO Y20 MCASP0_AXR3 MCASP Serial Data (Input/Output) IO AA19 MCASP0_AXR4 MCASP Serial Data (Input/Output) IO U19 MCASP0_AXR5 MCASP Serial Data (Input/Output) IO T15 MCASP0_AXR6 MCASP Serial Data (Input/Output) IO U20 MCASP0_AXR7 MCASP Serial Data (Input/Output) IO V21 MCASP0_AXR8 MCASP Serial Data (Input/Output) IO V17 MCASP0_AXR9 MCASP Serial Data (Input/Output) IO V18 MCASP0_AXR10 MCASP Serial Data (Input/Output) IO V20 MCASP0_AXR11 MCASP Serial Data (Input/Output) IO W21 MCASP0_AXR12 MCASP Serial Data (Input/Output) IO V16 MCASP0_AXR13 MCASP Serial Data (Input/Output) IO Y14 MCASP0_AXR14 MCASP Serial Data (Input/Output) IO Y13 MCASP0_AXR15 MCASP Serial Data (Input/Output) IO AA15 Table 6-91. MCASP1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP1_ACLKR MCASP Receive Bit Clock IO U18 MCASP1_ACLKX MCASP Transmit Bit Clock IO Y19 MCASP1_AFSR MCASP Receive Frame Sync IO T14 MCASP1_AFSX MCASP Transmit Frame Sync IO Y18 MCASP1_AXR0 MCASP Serial Data (Input/Output) IO Y17 MCASP1_AXR1 MCASP Serial Data (Input/Output) IO AA20 MCASP1_AXR2 MCASP Serial Data (Input/Output) IO Y15 MCASP1_AXR3 MCASP Serial Data (Input/Output) IO AA17 MCASP1_AXR4 MCASP Serial Data (Input/Output) IO U16 MCASP1_AXR5 MCASP Serial Data (Input/Output) IO U14 MCASP1_AXR6 MCASP Serial Data (Input/Output) IO T13 MCASP1_AXR7 MCASP Serial Data (Input/Output) IO V19 MCASP1_AXR8 MCASP Serial Data (Input/Output) IO AA14 MCASP1_AXR9 MCASP Serial Data (Input/Output) IO AA18 DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 74 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |