Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRA821U2...ALM Datasheet(PDF) 67 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 67 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 63Page - Texas Instruments DRA821U2...ALM Datasheet HTML 64Page - Texas Instruments DRA821U2...ALM Datasheet HTML 65Page - Texas Instruments DRA821U2...ALM Datasheet HTML 66Page - Texas Instruments DRA821U2...ALM Datasheet HTML 67Page - Texas Instruments DRA821U2...ALM Datasheet HTML 68Page - Texas Instruments DRA821U2...ALM Datasheet HTML 69Page - Texas Instruments DRA821U2...ALM Datasheet HTML 70Page - Texas Instruments DRA821U2...ALM Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 252 page
background image
Table 6-69. EQEP2 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EQEP2_I
EQEP Index
IO
V16
EQEP2_S
EQEP Strobe
IO
V20
6.3.14 EPWM
6.3.14.1 MAIN Domain
Table 6-70. EPWM Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM_SOCA
EHRPWM Start of Conversion A
O
W21
EHRPWM_SOCB
EHRPWM Start of Conversion B
O
U17
Table 6-71. EPWM0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM0_A
EHRPWM Output A
IO
Y21
EHRPWM0_B
EHRPWM Output B
IO
Y19
EHRPWM0_SYNCI
Sync Input to EHRPWM module from an external pin
I
W15
EHRPWM0_SYNCO
Sync Output to EHRPWM module to an external pin
O
Y16
EHRPWM_TZn_IN0
EHRPWM Trip Zone Input 0 (active low)
I
W16
Table 6-72. EPWM1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM1_A
EHRPWM Output A
IO
Y18
EHRPWM1_B
EHRPWM Output B
IO
Y20
EHRPWM_TZn_IN1
EHRPWM Trip Zone Input 1 (active low)
I
AA19
Table 6-73. EPWM2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM2_A
EHRPWM Output A
IO
Y17
EHRPWM2_B
EHRPWM Output B
IO
AA20
EHRPWM_TZn_IN2
EHRPWM Trip Zone Input 2 (active low)
I
Y15
Table 6-74. EPWM3 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM3_A
EHRPWM Output A
IO
U15
EHRPWM3_B
EHRPWM Output B
IO
U18
EHRPWM3_SYNCI
Sync Input to EHRPWM module from an external pin
I
T14
EHRPWM3_SYNCO
Sync Output to EHRPWM module to an external pin
O
U19
EHRPWM_TZn_IN3
EHRPWM Trip Zone Input 3 (active low)
I
T15
Table 6-75. EPWM4 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
EHRPWM4_A
EHRPWM Output A
IO
U20
EHRPWM4_B
EHRPWM Output B
IO
V21
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com