Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2803/AHA Datasheet(PDF) 3 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 3 Page - Microchip Technology

  HV2803/AHA Datasheet HTML 1Page - Microchip Technology HV2803/AHA Datasheet HTML 2Page - Microchip Technology HV2803/AHA Datasheet HTML 3Page - Microchip Technology HV2803/AHA Datasheet HTML 4Page - Microchip Technology HV2803/AHA Datasheet HTML 5Page - Microchip Technology HV2803/AHA Datasheet HTML 6Page - Microchip Technology HV2803/AHA Datasheet HTML 7Page - Microchip Technology HV2803/AHA Datasheet HTML 8Page - Microchip Technology HV2803/AHA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2017-2019 Microchip Technology Inc.
DS20005721C-page 3
HV2803/HV2903/HV2904
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Logic Supply Voltage (VLL)......................................................................................................................... -0.5V to +6.6V
Positive Supply Voltage (VDD).................................................................................................................... -0.5V to +6.6V
Negative Supply Voltage (VSS) .................................................................................................................. +0.5V to -6.6V
Logic Input Voltage (VIN).....................................................................................................................-0.5V to VLL + 0.3V
DGND to GND ........................................................................................................................................... -0.3V to +0.3V
Analog Signal Range (VSIG)......................................................................................................................-110V to +110V
Peak Analog Signal Current/Channel (IPK) ...................................................................................................................3A
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational sections of this specification is not intended. Exposure to maximum rating conditions for extended periods
may affect device reliability.
RECOMMENDED OPERATING CONDITIONS(1,2,3)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Logic Supply Voltage
VLL
3—
3.6
V
Positive Supply Voltage
VDD
4.5
—
6.3
V
Negative Supply Voltage
VSS
-6.3
—
-4.5
V
High-Level Input Voltage
VIH
0.9 VLL
—VLL
V
Low-Level Input Voltage
VIL
0
—
0.1 VLL
V
Analog Signal Voltage Peak-to-Peak
VSIG
-100
—
100
V
Note 1:
Power-up sequence is VSS, VDD and then VLL. Power-down sequence is the reverse of power-up.
2:
VSIG must be VSS ≤ VSIG ≤ VDD or floating during power-up/down transition.
3:
Rise and fall times of power supplies, VLL, VDD and VSS, should be greater than 1.0 ms.
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VDD =6.0V, VSS =-6.0V, VLL =3.3V, TAMB = +25°C. Boldface specifications apply over the
full operating temperature range.
Parameters
Sym.
Min.
Typ.
Max. Units
Conditions
Small-Signal Switch
On-Resistance
RONS
—10
15
ISIG =5 mA
—10.4
—
VDD =+5V, VSS =-5V, ISIG =5 mA
(Note 1)
—10
15
ISIG = 200 mA
Small-Signal Switch
On-Resistance Matching
ΔRONS
—5
20
%ISIG =5 mA
Large-Signal Switch
On-Resistance
RONL
—9
—
VSIG = 90V, ISIG =1A (Note 1)
Value of Output Bleed Resistor
(HV2903/HV2904 only)
RINT
20
35
50
k
Output switch to RGND, IRINT =0.1 mA
Switch Off Leakage per SW
ISOL
——
3
µA
At 49 µs with VSIG = +100V,
50 μs pulse (see Figure 3-1)
——
3
µA
At 49 μs with VSIG = -100V,
50 μs pulse (see Figure 3-1)
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com