Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2803/AHA Datasheet(PDF) 5 Page - Microchip Technology

Part # HV2803/AHA
Description  No High-Voltage Bias, Low Harmonic Distortion, 32-Channel, High-Voltage Analog Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2803/AHA Datasheet(HTML) 5 Page - Microchip Technology

  HV2803/AHA Datasheet HTML 1Page - Microchip Technology HV2803/AHA Datasheet HTML 2Page - Microchip Technology HV2803/AHA Datasheet HTML 3Page - Microchip Technology HV2803/AHA Datasheet HTML 4Page - Microchip Technology HV2803/AHA Datasheet HTML 5Page - Microchip Technology HV2803/AHA Datasheet HTML 6Page - Microchip Technology HV2803/AHA Datasheet HTML 7Page - Microchip Technology HV2803/AHA Datasheet HTML 8Page - Microchip Technology HV2803/AHA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2017-2019 Microchip Technology Inc.
DS20005721C-page 5
HV2803/HV2903/HV2904
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VDD =6.0V, VSS =-6.0V, VLL =3.3V, TAMB = +25°C. Boldface specifications apply over
the full operating temperature range.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions/Comments
Setup Time before LE/EN Rises
tSD
25
——
ns
(Note 1)
Time Width of LE/EN
tWLE
12
——
ns
(Note 1)
Clock Delay Time to Data Out
tDO
——
13.5
ns
Time Width of CLR
tWCLR
55
——
ns
(Note 1)
Setup Time Data to Clock
tSU
1.5
——
ns
(Note 1)
Hold Time Data from Clock
tH
1.5
——
ns
(Note 1)
Clock Frequency
fCLK
——
66
MHz
50% duty cycle, fDIN =(1/2)fCLK,
CDOUT =20pF (Note 1)
Clock Rise and Fall Times
tR, tF
——
50
ns
Turn-On Time
tON
——
5
μsVSIG =5V, RLOAD = 550
(see Figure 3-4)
Turn-Off Time
tOFF
——
5
Input Large-Signal Pulse Width
tPW
——
2.5
μs
VPULSE = 0V to ±100V,
measured at 90% amplitude
(see Figure 3-5) (Note 1)
Wake-up Time from Standby to
Digital Logic Normal Operation
tWU
——
10
μs
Bank Switching mode (MODE = L)
——
10
Individual Switching mode
(MODE = H) (Note 1)
Maximum VSIG Slew Rate
dv/dt
—
—
20
V/ns
(Note 1)
Analog Small-Signal Frequency
fBWS
—50
—
MHz
(Note 1)
Off Isolation
KO
—-57
-51
dB
f = 5.0 MHz,1.0 k
/15 pF load
(see Figure 3-6) (Note 1)
—-70
-65
f= 5.0 MHz, 50
 load
(see Figure 3-6) (Note 1)
Switch Crosstalk
KCR
—-70
-60
dB
f= 5.0 MHz, 50
 load
(see Figure 3-7) (Note 1)
Off Capacitance SW to GND
CSG(OFF)
—12
—
pF
VSIG = 50 mV @ 1 MHz, no load
(Note 1)
On Capacitance SW to GND
CSG(ON)
—25
—
Output Voltage Spike at SWA,
SWB
+VSPK
——
150
mV
RLOAD = 50. (see Figure 3-8)
(Note 1)
-VSPK
-150
—
—
Charge Injection
QC
—
200
—
pC
See Figure 3-9 (Note 1)
Second Harmonic Distortion
HD2
—
-68
-60
dBc
VSIG = 1.5 VPP @ 5 MHz,
50Ω load (Note 1)
—-65
-60
dBc
VSIG =1.5 VPP @ 5 MHz,
1k
/15 pF load (Note 1)
Note 1:
Specification is obtained by characterization and is not 100% tested.
TEMPERATURE SPECIFICATION
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Range
Operating Temperature Range
TA
0—
+70
°C
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+125
°C
Package Thermal Resistance
Thermal Resistance, 132-Ball TFBGA
JA
—22
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com