Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88772 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 21Page - ASIX Electronics Corporation AX88772 Datasheet HTML 22Page - ASIX Electronics Corporation AX88772 Datasheet HTML 23Page - ASIX Electronics Corporation AX88772 Datasheet HTML 24Page - ASIX Electronics Corporation AX88772 Datasheet HTML 25Page - ASIX Electronics Corporation AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
6.2.1.20 Monitor Mode Register (1Dh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
RWMP
RWLU
MOM
MOM: Monitor Mode.
1: Enable. All received packets will be checked on DA and CRC but not buffered into memory.
0: Disabled (default).
RWLU: Remote Wakeup trigger by Ethernet Link-up.
1: Enable.
0: Disabled (default).
RWMP: Remote Wakeup trigger by Magic Packet.
1: Enable.
0: Disabled (default).
AA [7:3]: Reserved.
6.2.1.21 GPIO Status Register (1Eh, read only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
GPI_2
GPO_2_EN
GPI_1
GPO_1_EN
GPI_0
GPO_0_EN
GPO_0_EN: Current level of pin GPIO0’s output enable.
GPI_0: Input level on GPIO0 pin when GPIO0 is as an input pin.
GPO_1_EN: Current level of pin GPIO1’s output enable.
GPI_1: Input level on GPIO1 pin when GPIO1 is as an input pin.
GPO_2_EN: Current level of pin GPIO2’s output enable.
GPI_2: Input level on GPIO2 pin when GPIO2 is as an input pin.
6.2.1.22 GPIO Register (1Fh, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RSE
GPO_2
GPO2EN
GPO_1
GPO1EN
GPO_0
GPO0EN
GPO0EN: Pin GPIO0 Output Enable.
1: Output is enabled (meaning GPIO0 is used as an output pin).
0: Output is tri-stated (meaning GPIO0 is used as an input pin) (default).
GPO_0: Pin GPIO0 Output Value.
GPO1EN: Pin GPIO1 Output Enable.
1: Output is enabled (meaning GPIO1 is used as an output pin).
0: Output is tri-stated (meaning GPIO1 is used as an input pin) (default).
GPO_1: Pin GPIO1 Output Value.
0: (default).
GPO2EN: Pin GPIO2 Output Enable.
1: Output is enabled (meaning GPIO2 is used as an output pin).
0: Output is tri-stated (meaning GPIO2 is used as an input pin) (default).
GPO_2: Pin GPIO2 Output Value.
0: (default).
RSE: Reload Serial EEPROM.
1: Enable.
0: Disabled (default)
6.2.1.23 Software Reset Register (20h, write only)
ASIX ELECTRONICS CORPORATION
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com