Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX88772 Datasheet(PDF) 4 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 4 Page - ASIX Electronics Corporation

  AX88772 Datasheet HTML 1Page - ASIX Electronics Corporation AX88772 Datasheet HTML 2Page - ASIX Electronics Corporation AX88772 Datasheet HTML 3Page - ASIX Electronics Corporation AX88772 Datasheet HTML 4Page - ASIX Electronics Corporation AX88772 Datasheet HTML 5Page - ASIX Electronics Corporation AX88772 Datasheet HTML 6Page - ASIX Electronics Corporation AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
1.0 Introduction
1.1 General Description
The AX88772 USB to 10/100 Fast Ethernet/HomePNA/HomePlug controller is a high performance and highly integrated
ASIC with embedded 28KB SRAM for packet buffering. It enables low cost and affordable Fast Ethernet network
connection to desktop, notebook PC, and embedded system using popular USB ports. It has an USB interface to
communicate with USB host controller and is compliant with USB specification V1.0, V1.1 and V2.0. It implements
10/100Mbps Ethernet LAN function based on IEEE802.3, and IEEE802.3u standards or HomePNA standard. It
integrates an on-chip 10/100Mbps Ethernet PHY to simplify system design and provides an optional media-independent
interface (MII) for implementing Fast Ethernet and HomePNA functions.
The AX88772 needs 12MHz clock for USB operation and 25Mhz clock for Fast Ethernet operation. It is in 128-pin LQFP
low profile package with CMOS process and requires only single 3.3V power supply to operate.
1.2 AX88772 Block Diagram
RXIP/RXIN
TXOP/TXON
MII I/F
GPIO2~0
MAC
Core
Memory Arbiter
USB to
Ethernet
Bridge
USB Core and Interface
STA
SEEPROM
Loader I/F
General
Purpose I/O
28KB
SRAM
EECS
EECK
EEDI
EEDO
10/100
Ethernet
PHY
MDC
MDIO
DP/DM
DPRS/DMRS
Figure 1: AX88772 Block Diagram
ASIX ELECTRONICS CORPORATION
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com