Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8610EC Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC8610EC
Description  MPC8610 Integrated Host Processor Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8610EC Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC8610EC Datasheet HTML 32Page - NXP Semiconductors MPC8610EC Datasheet HTML 33Page - NXP Semiconductors MPC8610EC Datasheet HTML 34Page - NXP Semiconductors MPC8610EC Datasheet HTML 35Page - NXP Semiconductors MPC8610EC Datasheet HTML 36Page - NXP Semiconductors MPC8610EC Datasheet HTML 37Page - NXP Semiconductors MPC8610EC Datasheet HTML 38Page - NXP Semiconductors MPC8610EC Datasheet HTML 39Page - NXP Semiconductors MPC8610EC Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
MPC8610 Integrated Host Processor Hardware Specifications, Rev. 2
Electrical Characteristics
Freescale Semiconductor
36
Figure 11. Local Bus Signals, GPCM/UPM/FCM Signals for LCRR[CLKDIV] = 4 or 8 (Clock Ratio of 8 or 16)
2.8
Display Interface Unit
This section describes the DIU DC and AC electrical specifications.
2.8.1
DIU DC Electrical Characteristics
Table 27 provides the DIU DC electrical characteristics.
Table 27. DIU DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage
VIL
– 0.3
0.8
V
Input current (VIN
1 = 0 V or V
IN = VDD)
IIN
—±5
μA
High-level output voltage (OVDD = mn, IOH = –100 μA)
VOH
OVDD – 0.2
—
V
tLBIXKL2
tLBIVKH1
UPM Mode Input Signal:
LUPWAIT
T1
T3
UPM Mode Output Signals:
LCS[0:7]/LBS[0:3]/LGPL[0:5]
Mode Output Signals:
LCS[0:7]/LWE
T2
T4
Input Signals:
LAD[0:31]/LDP[0:3]
LCLK
tLBKLOV1
tLBKLOZ1
tLBKLOX1
tLBIXKH1
GPCM Mode Input Signal:
LGTA
tLBIVKL2
GPCM/FCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com