Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9214 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9214
Description  Rambus XDR Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9214 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9214 Datasheet HTML 7Page - Integrated Circuit Systems ICS9214 Datasheet HTML 8Page - Integrated Circuit Systems ICS9214 Datasheet HTML 9Page - Integrated Circuit Systems ICS9214 Datasheet HTML 10Page - Integrated Circuit Systems ICS9214 Datasheet HTML 11Page - Integrated Circuit Systems ICS9214 Datasheet HTML 12Page - Integrated Circuit Systems ICS9214 Datasheet HTML 13Page - Integrated Circuit Systems ICS9214 Datasheet HTML 14Page - Integrated Circuit Systems ICS9214 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS9214
0809D—04/07/06
Figure 1. Differential and single-ended reference clock inputs
Clock Output Drivers
Figure 2 shows the clock driver equivalent circuit. The differential driver produces a specified voltage swing on the channel
by switching the currents going into ODCLK_T and ODCLK_C. The external resistor RRC at the IREFY pin sets the maximum
current. The minimum current is zero.
The voltage at the IREFY pin, VIREFY, is by design equal to 1 V nominally, and the driver current is seven times the current
flowing through RRC. So, the output low current can be estimated as IOL = 7/ RRC.
The driver output characteristics are defined together with the external resistors, R1, R2, and R3. The output clock signals are
specified at the measurement points indicated in Figure 2. Table 5 shows example values for the resistors.
R1, R2, and R3 and the clock driver output impedance, ZOUT, must match the impedance of the channel, ZCH , to minimize
secondary reflections. ZOUT is specified as 1000 Ohms, minimum to accomplish this. The effective impedance can be
estimated by:
(1000R1/(1000+R1)+R2) R3/(1000R1/(1000+R1)+R2+R3)
Pull-up resistor RT terminates the transmission line at the load to minimize clock signal reflection signal reflections. Table 5
shows the resistor values for establishing and effective source termination impedance of 49.2 Ohms to match a 50 Ohm
channel. The termination voltages are 2.5 V for VTS and 1.2 V for VT. The resistor values R1 = 38.3 Ohms, R2 = 19.1 Ohms, R3
= 54.9 Ohms and RRC = 200 Ohms can be used to match a 28 Ohm channel.
Table 5. Example Resistor Values and Termination Voltages for a 50 Ohm Channel
1
Symbol
Parameter
Value
Tolerance
Unit
R1
Termination resistor
39.2
+/- 1%
Ω
R2
Termination resistor
66.5
+/- 1%
Ω
R3
Termination resistor
93.1
+/- 1%
Ω
RT
Termination resistor
49.9
+/- 1%
Ω
RRC
Swing control resistor
200
+/- 1%
Ω
VTS
Source termination voltage
2.5
+/-5%
V
VT
Termination voltage
1.2
+/-5%
V
Notes:
1 A different set of resistors is used in Figure 2 when testing
for maximum output current of the clock driver (IOLABS).
These resistors are: R1 = 34Ω, R2 = 31.8Ω, R3 = 48.7Ω,
RT=28Ω, RRC = 147Ω
VTH
Inp ut
Inp ut
XDR
XDR
CLK_INC
CLK_INT
CLK_INT
a. Differential input
b. Single-ended input
Clock Generator
Clock Generator
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com