Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9214 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS9214
Description  Rambus XDR Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9214 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS9214 Datasheet HTML 8Page - Integrated Circuit Systems ICS9214 Datasheet HTML 9Page - Integrated Circuit Systems ICS9214 Datasheet HTML 10Page - Integrated Circuit Systems ICS9214 Datasheet HTML 11Page - Integrated Circuit Systems ICS9214 Datasheet HTML 12Page - Integrated Circuit Systems ICS9214 Datasheet HTML 13Page - Integrated Circuit Systems ICS9214 Datasheet HTML 14Page - Integrated Circuit Systems ICS9214 Datasheet HTML 15Page - Integrated Circuit Systems ICS9214 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Integrated
Circuit
Systems, Inc.
ICS9214
0809D—04/07/06
Sample points are for this equation are shown in Table 6. Phase Noise Data Points
Phase Noise
Table 6 : Phase Noise Data Points
The 9214 meets the single side band phase noise spectral purity for offset frequencies between 1 MHz and 100 MHz as
described by the equation:
10log[1+(50 x 106/f)2.4] -138 dBc/Hz
This equation is shown in Figure 9. Phase Noise Plot
Figure 9 : Phase Noise Plot
1
5
10
15
20
40
80
100
-97
-114
-121
-125.2
-
-133.7
-136.8
-137.3
Offset
Frequency
(MHz)
SSB Spectral
Purity
(dbc/Hz)
128
-1 50
-1 40
-1 30
-1 20
-1 10
-1 00
67
8
9
10
10
1 0
10
Offs e t Fre q u e ncy f , H z
10 lo g[1 + ( 5 0 x 1 0
6/ f )2.4] -138
( U p p er L im it )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com