Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9214 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS9214
Description  Rambus XDR Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9214 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS9214 Datasheet HTML 8Page - Integrated Circuit Systems ICS9214 Datasheet HTML 9Page - Integrated Circuit Systems ICS9214 Datasheet HTML 10Page - Integrated Circuit Systems ICS9214 Datasheet HTML 11Page - Integrated Circuit Systems ICS9214 Datasheet HTML 12Page - Integrated Circuit Systems ICS9214 Datasheet HTML 13Page - Integrated Circuit Systems ICS9214 Datasheet HTML 14Page - Integrated Circuit Systems ICS9214 Datasheet HTML 15Page - Integrated Circuit Systems ICS9214 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS9214
0809D—04/07/06
Figure 2. Example System Clock Driver Equivalent Circuit
Figure 3. Input and Output Voltage Waveforms
Figure 4. Crossing-point Voltage
Input Clock Signal
The ICS9214 receives either a differential or single-ended reference clock (CLK_INT/C). When the reference input clock is
from a differential clock source, it must meet the voltage levels and timing requirements listed in the DC Characteristics –
Inputs and AC Characteristics – Inputs tables.
For a singled-ended clock input, an external voltage divider and a supply voltage, as shown in Figure 2, provide a reference
voltage VTH at the CLK_INC pin to determine the proper switching point for CLK_INT. The range of VTH is specified in the DC
Characteristics – Inputs table.
R2
R3
RT
ZCH
R1
Measurement
Differential Driver
Point
RT
ZCH
Measurement
Point
R2
R3
R1
Swing Current
Control
RRC
VT
VT
VTS
VTS
ISET
ODCLK_T
ODCLK_C
t
F
80%
V(t)
20%
t
R
V
H
V
L
Vx,nom
Vx+
Vx-
ODCLK_T
ODCLK_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com