Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTT1132E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 6Page - Renesas Technology Corp HTT1132E Datasheet HTML 7Page - Renesas Technology Corp HTT1132E Datasheet HTML 8Page - Renesas Technology Corp HTT1132E Datasheet HTML 9Page - Renesas Technology Corp HTT1132E Datasheet HTML 10Page - Renesas Technology Corp HTT1132E Datasheet HTML 11Page - Renesas Technology Corp HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 10 of 21
Q1 S Parameter
(VCE = 1 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.798
-24.1
18.30
161.7
0.0152
13.2
0.936
-12.7
200
0.726
-44.9
16.53
147.1
0.0357
69.0
0.859
-23.3
300
0.648
-63.1
14.68
135.1
0.0401
59.3
0.760
-31.2
400
0.584
-79.4
12.96
125.6
0.0528
57.8
0.672
-36.3
500
0.528
-93.2
11.40
117.8
0.0531
54.6
0.599
-40.0
600
0.485
-105.3
10.11
111.6
0.0577
54.0
0.544
-42.2
700
0.451
-115.5
8.99
106.6
0.0633
54.1
0.497
-43.7
800
0.430
-124.5
8.09
102.2
0.0680
53.1
0.460
-44.6
900
0.411
-132.5
7.35
98.4
0.0715
53.8
0.432
-45.1
1000
0.398
-140.0
6.71
95.0
0.0761
53.3
0.408
-46.0
1100
0.386
-146.9
6.17
91.9
0.0796
53.7
0.391
-46.4
1200
0.382
-153.3
5.70
89.1
0.0834
55.3
0.373
-47.3
1300
0.378
-159.0
5.31
86.4
0.0859
55.0
0.360
-47.8
1400
0.375
-163.7
4.96
84.0
0.0901
55.8
0.349
-48.5
1500
0.373
-168.7
4.65
81.6
0.0964
56.5
0.337
-48.8
1600
0.372
-173.6
4.38
79.5
0.1015
57.1
0.328
-49.9
1700
0.374
-177.6
4.14
77.4
0.1052
56.6
0.319
-50.7
1800
0.373
178.3
3.92
75.4
0.1095
57.3
0.312
-51.5
1900
0.375
174.2
3.73
73.3
0.1133
56.5
0.304
-52.5
2000
0.377
170.5
3.55
71.4
0.1198
56.7
0.302
-53.3
2100
0.381
167.1
3.39
69.5
0.1232
57.2
0.295
-54.6
2200
0.384
163.7
3.24
67.7
0.1275
57.0
0.291
-55.9
2300
0.388
160.5
3.11
65.9
0.1326
57.4
0.285
-57.2
2400
0.394
157.5
2.98
64.2
0.1375
57.9
0.285
-58.7
2500
0.399
154.4
2.87
62.5
0.1413
57.1
0.280
-60.3
2600
0.400
151.7
2.77
60.8
0.1469
57.6
0.278
-61.2
2700
0.407
149.0
2.67
59.2
0.1510
57.0
0.273
-63.0
2800
0.410
146.7
2.58
57.5
0.1547
57.2
0.271
-64.5
2900
0.416
143.9
2.49
55.9
0.1614
56.7
0.268
-66.4
3000
0.421
141.2
2.42
54.2
0.1669
56.0
0.269
-67.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com