Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTT1132E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 12Page - Renesas Technology Corp HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp HTT1132E Datasheet HTML 18Page - Renesas Technology Corp HTT1132E Datasheet HTML 19Page - Renesas Technology Corp HTT1132E Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 16 of 21
Q2 S Parameter
(VCE = 1 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.757
-49.8
18.09
150.1
0.0252
99.6
0.858
-23.4
200
0.706
-88.2
14.39
130.0
0.0399
52.6
0.680
-38.0
300
0.664
-112.6
11.31
117.0
0.0469
47.1
0.543
-44.7
400
0.648
-128.5
9.13
108.5
0.0559
45.8
0.446
-47.6
500
0.639
-139.6
7.57
102.3
0.0614
42.4
0.387
-49.2
600
0.631
-147.7
6.46
97.6
0.0630
41.9
0.344
-49.7
700
0.626
-153.8
5.60
93.8
0.0671
45.4
0.315
-49.6
800
0.628
-158.7
4.96
90.4
0.0692
48.0
0.294
-50.0
900
0.629
-163.0
4.45
87.5
0.0723
47.9
0.276
-49.8
1000
0.629
-166.5
4.03
84.8
0.0773
50.6
0.263
-50.7
1100
0.627
-169.4
3.68
82.3
0.0800
53.0
0.252
-51.5
1200
0.627
-172.2
3.39
79.9
0.0847
54.6
0.243
-52.2
1300
0.627
-174.7
3.14
77.8
0.0885
56.2
0.235
-53.4
1400
0.630
-177.0
2.93
75.7
0.0926
56.8
0.229
-54.5
1500
0.630
-178.7
2.74
73.7
0.0958
58.3
0.221
-56.0
1600
0.633
179.3
2.58
71.9
0.1031
59.5
0.217
-57.6
1700
0.635
177.4
2.44
70.0
0.1069
61.2
0.211
-59.6
1800
0.637
175.8
2.32
68.3
0.1112
63.8
0.208
-62.4
1900
0.639
174.2
2.20
66.5
0.1166
63.9
0.203
-64.5
2000
0.640
172.7
2.10
64.8
0.1230
65.0
0.200
-66.6
2100
0.641
171.4
2.01
63.0
0.1284
65.4
0.196
-69.2
2200
0.644
170.0
1.93
61.4
0.1351
66.5
0.193
-72.3
2300
0.647
168.6
1.85
59.8
0.1402
67.4
0.189
-75.3
2400
0.651
167.4
1.78
58.3
0.1467
68.3
0.188
-78.2
2500
0.654
166.2
1.72
56.9
0.1548
68.0
0.187
-81.5
2600
0.655
165.0
1.66
55.3
0.1607
69.5
0.183
-85.1
2700
0.658
164.1
1.61
53.9
0.1674
69.1
0.182
-88.4
2800
0.660
163.0
1.56
52.5
0.1746
69.9
0.180
-92.4
2900
0.664
161.7
1.51
51.0
0.1833
69.8
0.180
-95.7
3000
0.666
160.8
1.47
49.6
0.1911
70.0
0.181
-99.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com