Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTT1132E Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HTT1132E
Description  Silicon NPN Epitaxial Twin Transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HTT1132E Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HTT1132E Datasheet HTML 13Page - Renesas Technology Corp HTT1132E Datasheet HTML 14Page - Renesas Technology Corp HTT1132E Datasheet HTML 15Page - Renesas Technology Corp HTT1132E Datasheet HTML 16Page - Renesas Technology Corp HTT1132E Datasheet HTML 17Page - Renesas Technology Corp HTT1132E Datasheet HTML 18Page - Renesas Technology Corp HTT1132E Datasheet HTML 19Page - Renesas Technology Corp HTT1132E Datasheet HTML 20Page - Renesas Technology Corp HTT1132E Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
HTT1132E
Rev.1.00, Apr.14.2003, page 17 of 21
Q2 S Parameter
(VCE = 1 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.687
-61.4
23.30
145.0
0.0300
70.7
0.805
-29.7
200
0.643
-101.9
17.29
124.2
0.0381
49.2
0.587
-46.1
300
0.615
-125.2
13.02
112.2
0.0420
44.0
0.451
-52.5
400
0.606
-139.2
10.28
104.6
0.0534
49.1
0.364
-55.1
500
0.602
-148.6
8.43
99.2
0.0527
47.1
0.305
-57.1
600
0.600
-155.2
7.14
95.0
0.0577
50.3
0.273
-57.4
700
0.599
-160.3
6.18
91.7
0.0618
50.9
0.243
-58.0
800
0.600
-164.4
5.45
88.7
0.0678
53.6
0.225
-58.3
900
0.597
-167.7
4.88
86.0
0.0726
56.4
0.209
-58.4
1000
0.601
-170.8
4.41
83.6
0.0765
58.8
0.195
-59.7
1100
0.601
-173.4
4.02
81.3
0.0822
59.6
0.184
-60.5
1200
0.603
-175.8
3.70
79.2
0.0851
60.7
0.175
-60.9
1300
0.605
-178.0
3.43
77.2
0.0930
62.6
0.168
-62.6
1400
0.608
-179.9
3.19
75.3
0.0958
63.5
0.161
-63.8
1500
0.607
178.3
2.99
73.5
0.1025
63.4
0.154
-66.1
1600
0.612
176.8
2.81
71.8
0.1103
65.2
0.149
-68.2
1700
0.614
175.1
2.66
70.0
0.1123
65.7
0.145
-69.2
1800
0.613
173.7
2.52
68.4
0.1196
66.8
0.142
-72.3
1900
0.616
172.3
2.40
66.7
0.1262
67.5
0.137
-75.5
2000
0.617
170.9
2.29
65.1
0.1331
67.2
0.134
-77.7
2100
0.620
169.5
2.18
63.4
0.1385
68.5
0.131
-81.7
2200
0.623
168.4
2.09
61.9
0.1451
68.2
0.129
-84.9
2300
0.626
167.1
2.01
60.4
0.1512
68.2
0.127
-88.7
2400
0.629
166.0
1.93
59.0
0.1595
68.6
0.126
-92.9
2500
0.633
165.0
1.86
57.5
0.1662
68.5
0.125
-97.0
2600
0.634
164.1
1.80
56.1
0.1714
68.4
0.124
-100.9
2700
0.638
163.0
1.74
54.7
0.1797
68.6
0.123
-106.0
2800
0.640
162.0
1.69
53.3
0.1866
69.0
0.126
-110.4
2900
0.645
161.0
1.64
52.0
0.1952
69.0
0.126
-114.3
3000
0.647
160.2
1.59
50.5
0.2013
68.7
0.128
-117.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com