Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2546JZHDEX Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 4 Page - Diodes Incorporated

  PI5USB2546JZHDEX Datasheet HTML 1Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 2Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 3Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 4Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 5Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 6Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 7Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 8Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
4
© Diodes Incorporated
PI5USB2546J
Electrical Characteristics
4.5V≤VIN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=R/STATUS=10kΩ RILIM_HI=20kΩ,
RILIM_LO=80.6kΩ, Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
Power Switch
RDS(on)
On Resistance(1)
TJ = 25
oC, IOUT = 2A
73
84
mΩ
-40oC ≤ TJ ≤ 85
oC, IOUT = 2A
73
105
-40oC ≤ TJ ≤ 125
oC, IOUT = 2A
73
120
tr
OUT voltage rise time
VIN = 5V, CL = 1μF, RL = 100Ω
0.7
1.0
1.60
ms
tf
OUT voltage fall time
0.2
0.35
0.5
ton
OUT voltage turn-on time
VIN = 5V, CL = 1μF, RL = 100Ω
2.7
4
ms
toff
OUT voltage turn-off time
1.7
3
IREV
Reverse leakage current
VOUT = 5.5V, VIN = VEN = 0V,
-40oC ≤ TJ ≤ 85
oC, Measure IOUT
2
μA
Discharge
RDCHG
OUT discharge resistance
VOUT = 4V, VEN = 0V
400
500
630
Ω
tDCHG
OUT discharge hold time
Time VOUT< 0.7V
1.30
2.0
2.9
s
EN, ILIM_SEL, CTL1,CTL2, CTL3, inputs
Input pin rising logic threshold
voltage
-
1
1.35
1.70
V
Input pin falling logic
threshold voltage
-
0.85
1.15
1.45
V
Hysteresis(2)
-
-
200
-
mV
Input current
Pin voltage= 0V to 5.5V
-0.5
-
0.5
µA
(1) Pulse-testing techniques maintain junction temperature close to ambient temperature; Thermal effects must be taken into account separately
(2) These parameters are provided for reference only and do not constitute part of Diodes’ published device specifications for purposes of Diodes’ product
warranty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com