Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2546JZHDEX Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI5USB2546JZHDEX Datasheet HTML 3Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 4Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 5Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 6Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 7Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 8Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 9Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 10Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
7
© Diodes Incorporated
PI5USB2546J
Electrical Characteristics, Charging Controller
4.5V≤VIN≤5.5V; TJ=-40°C to +125°C; VEN =VIN, VILIM_SEL=VIN, VCTL1= VCTL2= VCTL3=VIN, R/FAULT=R/STATUS=10kΩ RILIM_HI=20kΩ,
RILIM_LO=80.6kΩ, Positive currents are into pins. Typical values are at 25°C. All voltages are with respect to GND. unless otherwise specified.
Symbol
Description
Test Conditions
Min.
Typ.
Max.
Unit
SHORTED MODE (BC1.2 DCP)
DP_IN/DM_IN shorting resistance
VCTL1= VIN; VCTL2= VCTL3= 0V
-
125
200
Ω
DCP-1.2V MODE
DP_IN/DM_IN output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN,
Apply 3V on DP_IN for 0.5s and
measure the D+/D- voltage within the 2s
1.19
1.25
1.31
V
DP_IN/DM_IN output impedance
60
75
94
kΩ
DIVIDER-1A MODE
DP_IN Divider-1A output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN,
1.9
2.0
2.1
V
DM_IN Divider-1A output voltage
2.57
2.7
2.84
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
DIVIDER-2A MODE
DP_IN Divider-2A output voltage
VCTL1= 0V; VCTL2= VCTL3= VIN;
IOUT= 1A
2.57
2.7
2.84
V
DM_IN Divider-2A output voltage
1.9
2.0
2.1
V
DP_IN/DM_IN output impedance
7.5
10.5
16
kΩ
CHARGING DOWNSTREAM PORT
VDM_SRC
DP_IN CDP output voltage
VCTL1= VCTL2= VCTL3= VIN, VIN =0.6V,
-250μA ≤ IDM IN ≤ 0μA
0.5
0.6
0.7
V
VDAT_REF
DP_IN rising lower window
threshold for VDM SRC activation
VCTL1= VCTL2= VCTL3= VIN
0.25
-
0.4
V
Hysteresis(1)
-
50
-
mV
VLGC_REF
DP_IN rising upper window
threshold for VDM SRC de-activation
0.8
-
1.5
V
Hysteresis(1)
-
100
-
mV
LOAD DETECT- NON POWER WAKE
ILD
(RILIM LO
=
80.6kΩ)
IOUT rising load detect current
threshold
VCTL1= VCTL2= VCTL3= VIN
550
650
765
mA
Hysteresis(1)
-
50
-
mA
ILD
(RILIM LO
=
2.7MΩ)
IOUT rising load detect current
threshold
30
-
100
mA
IOUT falling load detect current
threshold
1
-
70
mA
tLD_SET
Load detect set time
140
200
275
ms
Load detect reset time
1.9
3
4.2
s
Note:
(1) These parameters are provided for reference only and do not constitute part of Diodes’ published device specifications for purposes of Diodes’ product
warranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com