Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5USB2546JZHDEX Datasheet(PDF) 23 Page - Diodes Incorporated

Part # PI5USB2546JZHDEX
Description  USB Charging Port Controller and Load Detection Power Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB2546JZHDEX Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button PI5USB2546JZHDEX Datasheet HTML 19Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 20Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 21Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 22Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 23Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 24Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 25Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 26Page - Diodes Incorporated PI5USB2546JZHDEX Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
PI5USB2546J
www.diodes.com
November 2020
Document Number DS43167 Rev 1-2
23
© Diodes Incorporated
PI5USB2546J
Figure 8. Case 2A: System in S4/S5, No Device Attached
Figure 9. Case 2B: System in S4/S5, Attached Device Fully Charged
Peripheral
Device
Charging
DC/DC Disconnected/Shut-
Down LDO Switch-In
Note: DC/DC and LDO switch
basedonSTATUS.
Power Block
19V
EN
EN
5V DC/DC
5V LDO
IN
System
Controller
DM
DP
OC
I/O_EN
STATUS
FAULT
DM_OUT
DP OUT
EN
CTL1
CTL2
CTL3
ILIM SEL
PI5USB2546J
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
VBUS
D-
D+
GND
0011
Ilimit set to 55mA when charging
current falls to <45mA and
stays<45mA for 15s
Turn HIGH
after 15s.
Peripheral
Device
Charging
DC/DC Disconnected/Shut-
Down LDO Switch-In
Note: DC/DC and LDO switch
basedonSTATUS.
Power Block
19V
EN
EN
5V DC/DC
5V LDO
IN
System
Controller
DM
DP
OC
I/O_EN
STATUS
FAULT
DM_OUT
DP OUT
EN
CTL1
CTL2
CTL3
ILIM SEL
PI5USB2546J
OUT
DM_IN
DP_IN
GND
ILIM_LO
ILIM_HI
VBUS
D-
D+
GND
0011
Ilimit set to 55mA when charging
current falls to <45mA and
stays<45mA for 15s
Turn HIGH
after 15s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com