Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0101 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 10Page - Texas Instruments LSF0101 Datasheet HTML 11Page - Texas Instruments LSF0101 Datasheet HTML 12Page - Texas Instruments LSF0101 Datasheet HTML 13Page - Texas Instruments LSF0101 Datasheet HTML 14Page - Texas Instruments LSF0101 Datasheet HTML 15Page - Texas Instruments LSF0101 Datasheet HTML 16Page - Texas Instruments LSF0101 Datasheet HTML 17Page - Texas Instruments LSF0101 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
8.3.2 Output Enable
To enable the I/O pins, the EN input should be tied directly to Vref_B during operation and both pins must be
pulled up to the HIGH side (Vpu or VCCB) through a pull-up resistor (typically 200 kΩ). To ensure the high
impedance state during power-up, power-down, or during operation, the EN pin must be LOW. The EN pin
should always be tied directly to the Vref_B pin and is recommended to be disabled by an open-drain driver
without a pullup resistor. This allows Vref_B to regulate the EN input and bias the channels for proper translation.
A filter capacitor on Vref_B is recommended for a stable supply at the device.
1.8 V
Vref_A
VCCB
EN
200 kΩ
Vref_B
3.3 V
A1
B1
0.1 μF
Figure 8-1. Enable Pin Tied to Vref_B Directly and to VCCB Through a Pull-Up Resistor
The supply voltage of open drain I/O devices can be completely different from the supplies used for the LSF and
has no impact on the operation. For additional details on how to use the enable pin, see the Using the Enable
Pin with the LSF Family video.
Table 8-1. Enable Pin Function Table
INPUT EN(1) PIN
Data Port State
Tied directly to Vref_B
An = Bn
L
Hi-Z
(1)
EN is controlled by Vref_B logic levels.
8.4 Device Functional Modes
For each channel (n), when either the An or Bn port is LOW, the switch provides a low impedance path between
the An and Bn ports; the corresponding Bn or An port will be pulled LOW. The low RON of the switch allows
connections to be made with minimal propagation delay and signal distortion.
Table 8-1 provides a summary of device operation. For additional details on the functional operation of the LSF
family of devices, see the Down Translation with the LSF Family and Up Translation with the LSF Family videos.
Table 8-2. Device Functionality
Signal Direction(1)
Input State
Switch State
Functionality
B to A (Down Translation)
B = LOW
ON
(Low Impedance)
A-side voltage is pulled low through the switch to the B-side voltage
B = HIGH
OFF
(High Impedance)
A-side voltage is clamped at Vref_A (2)
A to B (Up Translation)
A = LOW
ON
(Low Impedance)
B-side voltage is pulled low through the switch to the A-side voltage
A = HIGH
OFF
(High Impedance)
B-side voltage is clamped at Vref_A and then pulled up to the Vpu#
supply voltage
(1)
The downstream channel should not be actively driven through a low impedance driver, or else bus contention may occur.
(2)
The A-side can have a pullup to Vref_A for additional current drive capability or may also be pulled above Vref_A with a pullup resistor.
Specifications in the Recommended Operating Conditions section should always be followed.
LSF0108
SDLS966L – DECEMBER 2013 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LSF0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com