Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0101 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 19Page - Texas Instruments LSF0101 Datasheet HTML 20Page - Texas Instruments LSF0101 Datasheet HTML 21Page - Texas Instruments LSF0101 Datasheet HTML 22Page - Texas Instruments LSF0101 Datasheet HTML 23Page - Texas Instruments LSF0101 Datasheet HTML 24Page - Texas Instruments LSF0101 Datasheet HTML 25Page - Texas Instruments LSF0101 Datasheet HTML 26Page - Texas Instruments LSF0101 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
10 Power Supply Recommendations
There are no power sequence requirements for the LSF family. Table 10-1 provides recommended operating
voltages for all supply and input pins.
Table 10-1. Recommended Operating Voltages
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A(1)
reference voltage (A)
0.95
5.0
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.0
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.0
V
Vpu
pull-up supply voltage
0
Vref_B
V
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
11 Layout
11.1 Layout Guidelines
Because the LSF family is a switch-type level translator, the signal integrity is highly related with a pull-up
resistor and PCB capacitance condition.
• Short signal trace as possible to reduce capacitance and minimize stub from pull-up resistor.
• Place LSF close to high voltage side.
• Select the appropriate pull-up resistor that applies to translation levels and driving capability of transmitter.
11.2 Layout Example
GND
Vref_A
EN
Vref_B
A1
A2
B1
B2
Short Signal Trace as possible
Minimize Stub as possible
1
2
3
4
5
6
7
8
Figure 11-1. Short Trace Layout
Device PCB
TP1
SD Controller
(1.8 V IO)
TP2
LSF0108
SDIO level translator
SDIO Connnector
(3.3 V IO)
Figure 11-2. Device Placement
www.ti.com
LSF0108
SDLS966L – DECEMBER 2013 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LSF0108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com