Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0101 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0101
Description  LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0101 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LSF0101 Datasheet HTML 21Page - Texas Instruments LSF0101 Datasheet HTML 22Page - Texas Instruments LSF0101 Datasheet HTML 23Page - Texas Instruments LSF0101 Datasheet HTML 24Page - Texas Instruments LSF0101 Datasheet HTML 25Page - Texas Instruments LSF0101 Datasheet HTML 26Page - Texas Instruments LSF0101 Datasheet HTML 27Page - Texas Instruments LSF0101 Datasheet HTML 28Page - Texas Instruments LSF0101 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Feb-2023
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LSF0101DRYR
ACTIVE
SON
DRY
6
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
VD
Samples
LSF0101DTQR
ACTIVE
X2SON
DTQ
6
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
FC
Samples
LSF0102DCTR
ACTIVE
SM8
DCT
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
NG2
(S, Y)
Samples
LSF0102DCUR
ACTIVE
VSSOP
DCU
8
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
(G2, NG2J, NG2P, N
G2S)
NY
Samples
LSF0102DDFR
ACTIVE
SOT-23-THIN
DDF
8
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
F0102
Samples
LSF0102DQER
ACTIVE
X2SON
DQE
8
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
RV
Samples
LSF0102YZTR
ACTIVE
DSBGA
YZT
8
3000
RoHS & Green
SNAGCU
Level-1-260C-UNLIM
-40 to 125
RV
Samples
LSF0108DGSR
ACTIVE
VSSOP
DGS
20
5000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
LSF08
Samples
LSF0108PWR
ACTIVE
TSSOP
PW
20
2000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
LSF0108
Samples
LSF0108RKSR
ACTIVE
VQFN
RKS
20
3000
RoHS & Green
NIPDAUAG
Level-1-260C-UNLIM
-40 to 125
LSF0108
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com