Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER113XSTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # VIPER113XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 20Page - STMicroelectronics VIPER113XSTR Datasheet HTML 21Page - STMicroelectronics VIPER113XSTR Datasheet HTML 22Page - STMicroelectronics VIPER113XSTR Datasheet HTML 23Page - STMicroelectronics VIPER113XSTR Datasheet HTML 24Page - STMicroelectronics VIPER113XSTR Datasheet HTML 25Page - STMicroelectronics VIPER113XSTR Datasheet HTML 26Page - STMicroelectronics VIPER113XSTR Datasheet HTML 27Page - STMicroelectronics VIPER113XSTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
General description
VIPer11
24/37
DS11873 Rev 5
5.14
Disable function
When the voltage across the DIS pin exceeds the internal threshold VDIS_th (1.2 V typ.), a
time filter tDIS (1 msec, typ.) is activated.
If, at the end of tDIS, the condition is no more met, the occurrence of a temporary
disturbance is assumed and the IC continues to work normally; otherwise, a fault condition
is recognized and the IC is disabled in auto-restart for tDIS_RESTART (500 msec, typ.).
When VDIS falls below VDIS_th, the IC completes the current tDIS_RESTART, then resumes
normal operation.
During the fault, the VCC voltage is maintained between VCCSON and VCCoN through the HV
current source periodical activation.
A simple input overvoltage protection can be realized by connecting a voltage divider
between the DIS pin and the rectified mains, as shown in Figure 31.
Figure 31. Connection for input overvoltage protection (isolated or non-isolated
topologies)
In case of non-isolated topologies, with the same principle an output overvoltage protection
can be implemented, as shown in Figure 32.
If the Disable function is not required, DIS pin must be soldered to GND, which excludes the
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com