Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER113XSTR Datasheet(PDF) 27 Page - STMicroelectronics

Part # VIPER113XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 23Page - STMicroelectronics VIPER113XSTR Datasheet HTML 24Page - STMicroelectronics VIPER113XSTR Datasheet HTML 25Page - STMicroelectronics VIPER113XSTR Datasheet HTML 26Page - STMicroelectronics VIPER113XSTR Datasheet HTML 27Page - STMicroelectronics VIPER113XSTR Datasheet HTML 28Page - STMicroelectronics VIPER113XSTR Datasheet HTML 29Page - STMicroelectronics VIPER113XSTR Datasheet HTML 30Page - STMicroelectronics VIPER113XSTR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
DS11873 Rev 5
27/37
VIPer11
General description
37
5.16
Auto-restart
When a fault occurs, the PWM is disabled in auto-restart until the fault is removed.
This means that:
1.
PWM stops switching for a restart time, namely:
 tRESTART (1 sec, typ.), in case the fault is one of the following: overload/short-circuit, max.
duty cycle counter, VCC clamp, overtemperature.
 tDIS_RESTART (0.5 sec, typ.), in case the fault is triggered at the DIS pin (input/output
overvoltage).
2.
At the end of restart time:
– if the fault is still present, the protection is tripped in the same way after a debounce
time (see Figure 34), namely:
 tSS + tOVL (8 + 50msec, typ.) in case the fault is overload/short-circuit;
 tclamp_max (0.5 msec, typ.) in case the fault is VCC clamp;
 tDIS (1 msec, typ) in case the fault is triggered at the DIS pin (input/output overvoltage);
 10 switching cycles in case the fault is max. duty cycle counter;
 1 switching cycle in case the fault is overtemperature;
– if the fault is no longer present, normal operation is restored, as shown in Figure 34.
3.
During restart time, the HV generator is activated periodically, maintaining the VCC pin
voltage between VCSon and VCCon.
Figure 34. Protection timing diagram with auto-restart option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com