Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER113XSTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # VIPER113XSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113XSTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VIPER113XSTR Datasheet HTML 27Page - STMicroelectronics VIPER113XSTR Datasheet HTML 28Page - STMicroelectronics VIPER113XSTR Datasheet HTML 29Page - STMicroelectronics VIPER113XSTR Datasheet HTML 30Page - STMicroelectronics VIPER113XSTR Datasheet HTML 31Page - STMicroelectronics VIPER113XSTR Datasheet HTML 32Page - STMicroelectronics VIPER113XSTR Datasheet HTML 33Page - STMicroelectronics VIPER113XSTR Datasheet HTML 34Page - STMicroelectronics VIPER113XSTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
DS11873 Rev 5
31/37
VIPer11
Application information
37
6.2
Energy saving performance
The device allows designing applications to be compliant with the most stringent energy
saving regulations. In order to show the typical performance is achievable, the active mode
average efficiency and the efficiency at 10% of the rated output power of a 5 V/1.6 A non-
isolated flyback and 5 V/360 mA buck converters adopting VIPer11, have been measured
and are reported in Table 9. In addition, no-load and light load consumptions are shown
from Figure 41 to Figure 44.
Table 9. Power supply efficiency, VOUT = 5 V
Parameter
VIN
10 % output load
efficiency [%]
Active mode average
efficiency [%]
Pin at no-load [mW]
Flyback non iso. 5 V/1.6 A
115 VAC
78.3
78.5
3.9
230 VAC
71.4
79.4
8.2
Buck 5 V/360 mA(1)
115 VAC
73.9
71.6
12.1
230 VAC
69.1
69.8
16.2
1. 5 mW bleeder connected at the output.
Figure 41. PIN versus VIN in no-load non
isolated flyback converter (5 V/1.6 A)
Figure 42. PIN versus VIN in light load non
isolated flyback converter (5 V/1.6 A)
Figure 43. PIN versus VIN in no-load non
isolated buck converter (5 V/360 mA)
Figure 44. PIN versus VIN in light load non
isolated buck converter (5 V/360 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com