Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F0502 Datasheet HTML 1Page - Renesas Technology Corp F0502 Datasheet HTML 2Page - Renesas Technology Corp F0502 Datasheet HTML 3Page - Renesas Technology Corp F0502 Datasheet HTML 4Page - Renesas Technology Corp F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
3
February 8,2022
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Unit
Vcc to GND
Vcc
-0.3
+5.5
V
A[5:0], B[5:0], TDD_A, TDD_B, LCMode
VCNTL
-0.3
Vcc + 0.25
V
MX_IFA+, MX_IFA-, MX_IFB+, MX_IFB-
VMX
-0.3
Vcc + 0.25
V
IFOUT_A+, IFOUT_A-, IFOUT_B+,
IFOUT_B-
VIF
+1
Vcc + 0.3
V
LO1_ADJ
VLO1ADJ
+1
+3
V
LO2_ADJ
VLO2ADJ
+2.1
+4
V
MX_IF_BiasA, MX_IF_BiasB
VBIAS
-0.3
+0.3
V
ISET_A, ISET_B to GND
VISET
-0.3
+2.2
V
LO_IN, RFIN_A, RFIN_B
VRF
-0.3
+0.3
V
RF Input Power (RFIN_A, RFIN_B)
PRFMAX
+20
dBm
LO Input Power (LO_IN)
PLOMAX
+20
dBm
Continuous Power Dissipation
PDISS
3
W
Operating Case Temperature (Tc)
TOP
-40
+105
°C
Maximum Junction Temperature
TJmax
+150
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per JESD22-A114)
VESDHBM
Class 1C
(1000V)
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
Class III
(500V)
Stresses above those listed above may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
25°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
3°C /W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com