Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 26Page - Renesas Technology Corp F0502 Datasheet HTML 27Page - Renesas Technology Corp F0502 Datasheet HTML 28Page - Renesas Technology Corp F0502 Datasheet HTML 29Page - Renesas Technology Corp F0502 Datasheet HTML 30Page - Renesas Technology Corp F0502 Datasheet HTML 31Page - Renesas Technology Corp F0502 Datasheet HTML 32Page - Renesas Technology Corp F0502 Datasheet HTML 33Page - Renesas Technology Corp F0502 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
30
February 8, 2022
PIN DESCRIPTION (CONTINUED)
41
LO1_ADJ
Connect the specified resistor for either Standard mode (91
Ω ) or
LC mode (180
Ω ) from this pin to ground to set the LO common
buffer Icc.
44
LO_IN
Local Oscillator Input. Connect the LO to this port through the
recommended coupling capacitor.
45
LO_IN_RTN
Transformer ground return. Ground this pin close to the device
47
LO2_ADJ
Connect the specified resistor for either Standard mode (1.21k
Ω)
or LC mode (1.91k
Ω) from this pin to ground to set the LO drive
buffers Icc.
50
MX_IFA-
Diversity Mixer Differential IF (-) Output. Connect a pullup
inductor from this pin to VCC.
51
MX_IFA+
Diversity Mixer Differential IF (+) Output. Connect a pullup
inductor from this pin to VCC.
53
MX_IF_BiasA
Connect the specified resistor for either Standard mode (40.2
Ω )
or LC mode (62
Ω) from this pin to ground to set the bias for the
Diversity IF amplifier. This is NOT a current set resistor.
57
IFOUT_A-
Channel A Differential Output -. Pull up to Vcc through an
inductor
58
IFOUT_A+
Channel A Differential Output +. Pull up to Vcc through an
inductor
60
ISET_A
ChA VGA Icc set: Recommended resistor value = 3.48k
Ω
63
A0
Parallel Gain Control Input – LSB (1dB step)
64
A1
Parallel Gain Control Input
65
A2
Parallel Gain Control Input
66
A3
Parallel Gain Control Input
67
A4
Parallel Gain Control Input
68
A5
Parallel Gain Control Input - MSB
69
EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com