Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0502
Description  Sampling IF Receiver 600MHz to 1000MHz
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0502 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0502 Datasheet HTML 3Page - Renesas Technology Corp F0502 Datasheet HTML 4Page - Renesas Technology Corp F0502 Datasheet HTML 5Page - Renesas Technology Corp F0502 Datasheet HTML 6Page - Renesas Technology Corp F0502 Datasheet HTML 7Page - Renesas Technology Corp F0502 Datasheet HTML 8Page - Renesas Technology Corp F0502 Datasheet HTML 9Page - Renesas Technology Corp F0502 Datasheet HTML 10Page - Renesas Technology Corp F0502 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Sampling IF Receiver 600MHz to
1000MHz
F0502
Datasheet
FlatNoiseTM, Zero-DistortionTM, SIF Rx
7
February 8,2022
F0502 SPECIFICATION (CONTINUED)
F0502 Typical Application Circuit, when operated as a Sampling IF Receiver, VCC = +5.00V, TC = +25°C, FRF =
850MHz, FIF = 184MHz, FLO = 1034MHz, PLO = 0 dBm, Max gain setting, IF output power = +3dBm per tone, TDD_ =
LOW, STD Mode, unless otherwise stated. EVkit PCB, connector and IF transformer losses are de-embedded unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Turn-on time
TSETT1
Gate STBY from VIH to VIL
Time for IF Signal to settle to
within 0.1 dB of final value
0.17
0.20
µs
Attenuator Adjustment
Settling Time
T1dB
Any two Adjacent 1dB Steps
+/-0.10 dB Pout settling
17.5
25
ns
Output IP3
OIP3
STD Mode
800 KHz Tone Separation
40
44
dBm
STD Mode
Gain = GMAX – 10dB,
Pout = +1dBm per tone
800 KHz Tone Separation
-
40C ≤ Tcase ≤ +105C
IF = 138MHz, LO = 988MHz
IF = 184MHz, LO = 1034MHz
IF = 276MHz, LO = 1126MHz
40
44
LC Mode
800 KHz Tone Separation
40
44
Input IP3
IIP3
STD Mode
Gain = GMAX – 22dB,
Pin = - 5dBm/tone
800 KHz Tone Separation
21
25
dBm
LC Mode
Gain = GMAX – 22dB,
Pin = -10dBm/tone
800 KHz Tone Separation
21
1 dB Output Compression
OP1dB
STD Mode
17.5
20.2
dBm
LC Mode
17.5
20.2
1 dB Input Compression
IP1dB
Gain =
GMAX – 30dB
STD Mode
7.7
8.7
dBm
LC Mode
6.5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com