Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-OB-607 Datasheet(PDF) 4 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - EVB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 4 Page - Abracon Corporation

  PRO-OB-607 Datasheet HTML 1Page - Abracon Corporation PRO-OB-607 Datasheet HTML 2Page - Abracon Corporation PRO-OB-607 Datasheet HTML 3Page - Abracon Corporation PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - EVB
PRO-EB-609
48.0 x 18.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
PCB layout and antenna pin numbering
The antenna uses PIFA technology and should thus be mounted on a ground plane. If there are several layers in the
PCB, there is an advantage to add vias for smooth interconnection of the ground areas to avoid splits in the ground
plane. It is also important that there is a ground clearance around the NC pads and the RF feed pad, through all layers
of the PCB. It is recommended to implement a matching network to optimize the antenna impedance in your
application. The components can be positioned under the antenna. See recommendations in the figures below.
Pin configuration
PCB Layout (from evaluation board)
Top Layer
Bottom Layer (Clearance through all layer)
Note: Overall Evaluation Board dimensions: 48 x 18 mm.
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com