Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-OB-607 Datasheet(PDF) 9 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - EVB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 9 Page - Abracon Corporation

Back Button PRO-OB-607 Datasheet HTML 3Page - Abracon Corporation PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation PRO-OB-607 Datasheet HTML 10Page - Abracon Corporation PRO-OB-607 Datasheet HTML 11Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - EVB
PRO-EB-609
48.0 x 18.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Evaluation Board Outline & Matching Circuit
The evaluation board (PRO-EB-609) is developed to simplify antenna testing and evaluation. It has an arbitrary size
of 48 x 18 mm and includes an SMA connector. The purpose is to give a reference design for an optimal antenna
implementation. The evaluation board can also be used to test other implementations by cutting and soldering the PCB
into any device.
Evaluation board outline
The evaluation board has a matching circuit implemented next to the antenna. This is aimed to enable optimization
possibilities for the user. The component positions are sized for 0402 (1005 metric) SMD components.
Matching circuit
The antenna needs a matching circuit to adjust the resonant frequency balance. When delivered, the evaluation board
is tuned for optimum balance at the 2.4 GHz band. The component values for this setup are:
C1 = 0.4 pF
C2 = 0.6 pF
C3 = 1.1 pF
However, it is common that the resonant frequency will shift during implementation in an arbitrary device. Therefore,
this matching may be changed for compensation of such effects. This is further described in General Implementation
Guidelines section below.
C3
C1
C2
Antenna feed
Transmission line
C1
C2
C3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com