Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-OB-607 Datasheet(PDF) 1 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - EVB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 1 Page - Abracon Corporation

  PRO-OB-607 Datasheet HTML 1Page - Abracon Corporation PRO-OB-607 Datasheet HTML 2Page - Abracon Corporation PRO-OB-607 Datasheet HTML 3Page - Abracon Corporation PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - EVB
PRO-EB-609
48.0 x 18.0 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Description
The PRO-EB-609 evaluation board is designed to provide a means to facilitate engineering evaluation of the OnBoard
2.4 GHz Mini SMD antenna: PRO-OB-607. With a typical operating frequency range of 2.40~2.49 GHz, the antenna
can be used for WiFi/BT/BLE/ZigBee/ISM applications.
To evaluate the performance of antenna, calibrate the Vector Network analyzer (VNA) for the testing frequency band
and connect the evaluation board to the calibrated port using the given SMA connector on the board.
Product Images
Antenna Image


Similar Part No. - PRO-OB-607

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
OnBoard 2.4 GHz Mini SMD - Antenna
More results

Similar Description - PRO-OB-607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
Mica 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-EB-450 ABRACON-PRO-EB-450 Datasheet
710Kb / 11P
OnBoard 2.4 GHz SMD - EVB
PRO-EB-453 ABRACON-PRO-EB-453 Datasheet
565Kb / 10P
OnBoard GNSS/GPS SMD - EVB
PRO-EB-472 ABRACON-PRO-EB-472 Datasheet
617Kb / 9P
OnBoard 868 MHz - EVB
PRO-EB-476 ABRACON-PRO-EB-476 Datasheet
626Kb / 9P
OnBoard 915 MHz - EVB
PRO-EB-550 ABRACON-PRO-EB-550 Datasheet
806Kb / 12P
2.4/5GHz OnBoard WLAN SMD - EVB
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
OnBoard 2.4 GHz SMD - Antenna
PRO-OB-536 ABRACON-PRO-OB-536 Datasheet
963Kb / 13P
2.4/5GHz OnBoard WLAN SMD - Antenna
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
OnBoard 2.4 GHz Mini SMD - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com