Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F845 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74F845
Description  Bus interface latches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F845 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74F845 Datasheet HTML 7Page - NXP Semiconductors 74F845 Datasheet HTML 8Page - NXP Semiconductors 74F845 Datasheet HTML 9Page - NXP Semiconductors 74F845 Datasheet HTML 10Page - NXP Semiconductors 74F845 Datasheet HTML 11Page - NXP Semiconductors 74F845 Datasheet HTML 12Page - NXP Semiconductors 74F845 Datasheet HTML 13Page - NXP Semiconductors 74F845 Datasheet HTML 14Page - NXP Semiconductors 74F845 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
74F841/74F842/74F843/
74F845/74F846
Bus interface latches
1999 Jun 23
11
AC ELECTRICAL CHARACTERISTICS for 74F841/74F842
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
74F841
Waveform 1, 2
2.0
2.5
4.0
4.5
7.5
7.5
2.0
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
LE to Qn
74F841
Waveform 1, 2
4.5
4.0
6.5
6.0
9.5
9.0
4.0
3.5
10.0
9.5
ns
tPLH
tPHL
Propagation delay
Dn to Qn
74F842
Waveform 1, 2
3.5
3.0
5.5
5.0
8.5
8.0
4.5
4.0
9.0
8.5
ns
tPLH
tPHL
Propagation delay
LE to Qn
74F842
Waveform 1, 2
5.0
4.5
7.0
6.5
10.0
9.0
3.0
3.0
10.5
9.5
ns
tPZH
tPZL
Output enable time
High or Low-level OEn to Qn or Qn
Waveform 5
Waveform 6
2.5
4.0
4.5
6.0
8.0
9.5
2.0
3.0
8.5
10.5
ns
tPHZ
tPLZ
Output disable time
High or Low-level OEn to Qn or Qn
Waveform 5
Waveform 6
1.0
1.0
4.5
5.0
8.0
8.0
1.0
1.0
8.5
8.5
ns
AC SETUP REQUIREMENTS for 74F841/74F842
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to LE
Waveform 4
0.0
0.0
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to LE
74F841
Waveform 4
2.5
3.0
3.0
4.0
ns
tw(H)
LE pulse width, High
Waveform 4
3.5
4.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to LE
74F842
Waveform 4
3.0
3.5
3.5
4.5
ns
tw(H)
LE pulse width, High
Waveform 4
3.0
3.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com