Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F845 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74F845
Description  Bus interface latches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F845 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74F845 Datasheet HTML 10Page - NXP Semiconductors 74F845 Datasheet HTML 11Page - NXP Semiconductors 74F845 Datasheet HTML 12Page - NXP Semiconductors 74F845 Datasheet HTML 13Page - NXP Semiconductors 74F845 Datasheet HTML 14Page - NXP Semiconductors 74F845 Datasheet HTML 15Page - NXP Semiconductors 74F845 Datasheet HTML 16Page - NXP Semiconductors 74F845 Datasheet HTML 17Page - NXP Semiconductors 74F845 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Philips Semiconductors
Product specification
74F841/74F842/74F843/
74F845/74F846
Bus interface latches
1999 Jun 23
14
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
VM
VM
tPHL
tPLH
Dn, LE
Qn
SF01303
Waveform 1.
Propagation Delay, Non-Inverting Path
VM
VM
VM
VM
tPLH
tPHL
Dn, LE
Qn
SF01304
Waveform 2.
Propagation Delay, Inverting Path
LE
VM
VM
PRE,
MR
VM
tw(L)
tREC
VM
VM
tPLH
tPHL
Qn, Qn
Qn, Qn
SF01305
Waveform 3.
Master Reset and Preset Pulse Width,
Master Reset and Preset to Output Delay,
and Master Reset and Preset to Latch Enable Recovery Time
th(H)
ts(H)
LE
VM
VM
VM
VM
VM
VM
th(L)
ts(L)
Dn
VM
tw(H)
SF01306
Waveform 4.
Data Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
OEn
VOH -0.3V
0V
Qn, Qn
SF00509
Waveform 5.
3-State Output Enable Time to High Level
and Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
VOL +0.3V
3.5V
OEn
Qn, Qn
SF00510
Waveform 6.
3-State Output Enable Time to Low Level
and Output Disable time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com