Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP20NC60V Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP20NC60V
Description  30 A - 600 V - very fast IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NC60V Datasheet(HTML) 1 Page - STMicroelectronics

  STGP20NC60V Datasheet HTML 1Page - STMicroelectronics STGP20NC60V Datasheet HTML 2Page - STMicroelectronics STGP20NC60V Datasheet HTML 3Page - STMicroelectronics STGP20NC60V Datasheet HTML 4Page - STMicroelectronics STGP20NC60V Datasheet HTML 5Page - STMicroelectronics STGP20NC60V Datasheet HTML 6Page - STMicroelectronics STGP20NC60V Datasheet HTML 7Page - STMicroelectronics STGP20NC60V Datasheet HTML 8Page - STMicroelectronics STGP20NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
June 2015
DocID9982 Rev 6
1/20
STGB20NC60V, STGP20NC60V,
STGW20NC60V
30 A - 600 V - very fast IGBT
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• High frequency operation up to 50 kHz
• Lower CRES / CIES ratio (no cross-conduction
susceptibility)
• High current capability
Applications
• High frequency inverters
• UPS, motor drivers
• HF, SMPS and PFC in both hard switch and
resonant topologies
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior.
1
2
3
TO-247
1
2
3
TO-220
1
3
D²PAK
Table 1. Device summary
Order codes
Marking
Package
Packaging
STGB20NC60V
GB20NC60V
D²PAK
Tape and reel
STGP20NC60V
GP20NC60V
TO-220
Tube
STGW20NC60V
GW20NC60V
TO-247
Tube
www.st.com


Similar Part No. - STGP20NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
293Kb / 11P
N-CHANNEL 30A - 600V - TO-220/TO-247 Very Fast PowerMESH IGBT
07-Jun-2004
STGP20NC60V STMICROELECTRONICS-STGP20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
More results

Similar Description - STGP20NC60V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW39NC60VD STMICROELECTRONICS-STGW39NC60VD_08 Datasheet
391Kb / 15P
40 A - 600 V - very fast IGBT
31-Jan-2008
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
30 A - 600 V - very fast IGBT
14-May-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD Datasheet
511Kb / 18P
19 A - 600 V - very fast IGBT
01-Jul-2008
STGP19NC60H STMICROELECTRONICS-STGP19NC60H Datasheet
318Kb / 14P
19 A - 600 V - very fast IGBT
28-May-2008
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_08 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGB19NC60HD STMICROELECTRONICS-STGB19NC60HD_09 Datasheet
724Kb / 17P
19 A - 600 V - very fast IGBT
19-May-2009
STGW45NC60VD STMICROELECTRONICS-STGW45NC60VD Datasheet
370Kb / 15P
45 A - 600 V - very fast IGBT
19-Mar-2008
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
19 A - 600 V - very fast IGBT
01-Sep-2009
STGFW30NC60V STMICROELECTRONICS-STGFW30NC60V Datasheet
763Kb / 13P
30 A - 600 V - very fast IGBT
16-Apr-2012
STGB10NC60HD STMICROELECTRONICS-STGB10NC60HD_V01 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com