Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP20NC60V Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP20NC60V
Description  30 A - 600 V - very fast IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP20NC60V Datasheet(HTML) 3 Page - STMicroelectronics

  STGP20NC60V Datasheet HTML 1Page - STMicroelectronics STGP20NC60V Datasheet HTML 2Page - STMicroelectronics STGP20NC60V Datasheet HTML 3Page - STMicroelectronics STGP20NC60V Datasheet HTML 4Page - STMicroelectronics STGP20NC60V Datasheet HTML 5Page - STMicroelectronics STGP20NC60V Datasheet HTML 6Page - STMicroelectronics STGP20NC60V Datasheet HTML 7Page - STMicroelectronics STGP20NC60V Datasheet HTML 8Page - STMicroelectronics STGP20NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DocID9982 Rev 6
3/20
STGB20NC60V, STGP20NC60V, STGW20NC60V
Electrical ratings
20
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at 25 °C
60
A
IC
(1)
Collector current (continuous) at 100 °C
30
A
ICL
(2)
2.
Vclamp = 80%(VCES), Tj =150 °C, RG=10 Ω, VGE=15 V
Turn-off latching current
100
A
ICP
(3)
3.
Pulse width limited by max junction temperature allowed
Pulsed collector current
100
A
VGE
Gate-emitter voltage
± 20
V
PTOT
Total dissipation at TC = 25 °C
200
W
Tj
Operating junction temperature
– 55 to 150
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
TO-247
TO-220
D²PAK
Rthj-case
Thermal resistance junction-case max
0.62
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
62.5
°C/W
I
C
T
C
()
T
JMAX
T
C
–
R
THJ
C
–
V
CESA T MAX
()
T
C
I
C
,
()
×
---------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com