| Electronic Components Datasheet Search |
|
UPSD325X Datasheet(PDF) 102 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD325X Datasheet(HTML) 102 Page - STMicroelectronics |
|
102 / 176 page ![]() µPSD325X DEVICES 102/176 PSD MODULE s The PSD Module provides configurable Program and Data memories to the 8032 CPU core (MCU). In addition, it has its own set of I/O ports and a PLD with 16 macrocells for general logic implementation. s Ports A,B,C, and D are general purpose programmable I/O ports that have a port architecture which is different from the I/O ports in the MCU Module. s The PSD Module communicates with the MCU Module through the internal address, data bus (AO-A15, DO-D7) and control signals (RD, WR, PSEN, ALE, RESET). The user defines the Decoding PLD in the PSDsoft Development Tool and can map the resources in the PSD Module to any program or data address space. Figure 50 shows the functional blocks in the PSD Module. Functional Overview s 1 or 2 Mbit Flash memory. This is the main Flash memory. It is divided into eight equal- sized blocks that can be accessed with user- specified addresses. s Secondary 256 Kbit Flash boot memory. It is divided into four equal-sized blocks that can be accessed with user-specified addresses. This secondary memory brings the ability to execute code and update the main Flash concurrently. s 256 Kbit SRAM. The SRAM’s contents can be protected from a power failure by connecting an external battery. s CPLD with 1G Output Micro Cells (OMCs} and 24 Input Micro Cells (IMCs). The CPLD may be used to efficiently implement a variety of logic functions for internal and external control. Examples include state machines, loadable shift registers, and loadable counters. s Decode PLD (DPLD) that decodes address for selection of memory blocks in the PSD Module. s Configurable I/O ports (Port A,B,C and D) that can be used for the following functions: – MCU I/Os –PLD I/Os – Latched MCU address output – Special function I/Os. – I/O ports may be configured as open-drain outputs. s Built-in JTAG compliant serial port allows full- chip In-System Programmability (ISP). With it, you can program a blank device or reprogram a device in the factory or the field. s Internal page register that can be used to expand the 8032 MCU Module address space by a factor of 256. s Internal programmable Power Management Unit (PMU) that supports a low-power mode called Power-down Mode. The PMU can automatically detect a lack of the 8032 CPU core activity and put the PSD Module into Power-down Mode. s Erase/WRITE cycles: – Flash memory - 100,000 minimum – PLD - 1,000 minimum – Data Retention: 15 year minimum (for Main Flash memory, Boot, PLD and Configuration bits) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |