Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD325X Datasheet(PDF) 48 Page - STMicroelectronics

Part # UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 44Page - STMicroelectronics UPSD325X Datasheet HTML 45Page - STMicroelectronics UPSD325X Datasheet HTML 46Page - STMicroelectronics UPSD325X Datasheet HTML 47Page - STMicroelectronics UPSD325X Datasheet HTML 48Page - STMicroelectronics UPSD325X Datasheet HTML 49Page - STMicroelectronics UPSD325X Datasheet HTML 50Page - STMicroelectronics UPSD325X Datasheet HTML 51Page - STMicroelectronics UPSD325X Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 176 page
background image
µPSD325X DEVICES
48/176
Figure 18. PORT Type and Description (Part 2)
AI06654
Symbol
Circuit
Function
In/
Out
PORT1 <3:0>,
PORT3,
PORT4<7:3,1:0>
PORT2
I/O
PORT4.2
Bidirectional I/O port with
internal pull-ups
Schmitt input
Sink current : 5mA
CMOS compatible interface
Source current =5mA when push-pull
output mode.
Bidirectional I/O port with internal
pull-ups
Schmitt input.
Sink current : 5mA
TTL compatible interface
Pull-up when reset
Address Latch Enable
Program Strobe Enable
Source current =5mA
PORT1 < 7:4 >
I/O
Bidirectional I/O port with
internal pull-ups
Schmitt input
Sink current : 5mA
CMOS compatible interface
Analog input option
Source current =5mA
I/O
an_enb
USB - ,
USB +
Bidirectional I/O port
Schmitt input
TTL compatible interface
I/O
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com