Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD325X Datasheet(PDF) 14 Page - STMicroelectronics

Part # UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 10Page - STMicroelectronics UPSD325X Datasheet HTML 11Page - STMicroelectronics UPSD325X Datasheet HTML 12Page - STMicroelectronics UPSD325X Datasheet HTML 13Page - STMicroelectronics UPSD325X Datasheet HTML 14Page - STMicroelectronics UPSD325X Datasheet HTML 15Page - STMicroelectronics UPSD325X Datasheet HTML 16Page - STMicroelectronics UPSD325X Datasheet HTML 17Page - STMicroelectronics UPSD325X Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 176 page
background image
µPSD325X DEVICES
14/176
Table 2. 80-Pin Package Pin Description
Port Pin
Signal
Name
Pin No.
In/Out
Function
Basic
Alternate
P0.0
AD0
36
I/O
External Bus
Multiplexed Address/Data bus A1/D1
P0.1
AD1
37
I/O
Multiplexed Address/Data bus A0/D0
P0.2
AD2
38
I/O
Multiplexed Address/Data bus A2/D2
P0.3
AD3
39
I/O
Multiplexed Address/Data bus A3/D3
P0.4
AD4
41
I/O
Multiplexed Address/Data bus A4/D4
P0.5
AD5
43
I/O
Multiplexed Address/Data bus A5/D5
P0.6
AD6
45
I/O
Multiplexed Address/Data bus A6/D6
P0.7
AD7
47
I/O
Multiplexed Address/Data bus A7/D7
P1.0
T2
52
I/O
General I/O port pin
Timer 2 Count input
P1.1
T2EX
54
I/O
General I/O port pin
Timer 2 Trigger input
P1.2
RxD2
56
I/O
General I/O port pin
2nd UART Receive
P1.3
TxD2
58
I/O
General I/O port pin
2nd UART Transmit
P1.4
ADC0
59
I/O
General I/O port pin
ADC Channel 0 input
P1.5
ADC1
60
I/O
General I/O port pin
ADC Channel 1 input
P1.6
ADC2
61
I/O
General I/O port pin
ADC Channel 2 input
P1.7
ADC3
64
I/O
General I/O port pin
ADC Channel 3 input
P2.0
A8
51
I/O
External Bus, Address A8
P2.1
A9
53
I/O
External Bus, Address A9
P2.2
A10
55
I/O
External Bus, Address A10
P2.3
A11
57
I/O
External Bus, Address A11
P3.0
RxD1
75
I/O
General I/O port pin
UART Receive
P3.1
TxD1
77
I/O
General I/O port pin
UART Transmit
P3.2
INTO
79
I/O
General I/O port pin
Interrupt 0 input / timer0 gate
control
P3.3
INT1
2
I/O
General I/O port pin
Interrupt 1 input / timer1 gate
control
P3.4
T0
40
I/O
General I/O port pin
Counter 0 input
P3.5
T1
42
I/O
General I/O port pin
Counter 1 input
P3.6
SDA1
44
I/O
General I/O port pin
I2C Bus serial data I/O
P3.7
SCL1
46
I/O
General I/O port pin
I2C Bus clock I/O
P4.0
SDA2
33
I/O
General I/O port pin
I2C serial data I/O for DDC
interface
P4.1
SCL2
31
I/O
General I/O port pin
I2C clock I/O for DDC interface
P4.2
VSYNC
30
I/O
General I/O port pin
VSYNC input for DDC interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com