Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD325X Datasheet(PDF) 16 Page - STMicroelectronics

Part # UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 12Page - STMicroelectronics UPSD325X Datasheet HTML 13Page - STMicroelectronics UPSD325X Datasheet HTML 14Page - STMicroelectronics UPSD325X Datasheet HTML 15Page - STMicroelectronics UPSD325X Datasheet HTML 16Page - STMicroelectronics UPSD325X Datasheet HTML 17Page - STMicroelectronics UPSD325X Datasheet HTML 18Page - STMicroelectronics UPSD325X Datasheet HTML 19Page - STMicroelectronics UPSD325X Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
µPSD325X DEVICES
16/176
52 PIN PACKAGE I/O PORT
The 52-pin package members of the µPSD325X
devices have the same port pins as those of the
80-pin package except:
s
Port 0 (P0.0-P0.7, external address/data bus
AD0-AD7)
s
Port 2 (P2.0-P2.3, external address bus A8-
A11)
s
Port A (PA0-PA7)
s
Port D (PD2)
s
Bus control signal (RD,WR,PSEN,ALE)
Pin 5 requires a pull-up resistor (2k
Ω for 3V de-
vices, 7.5k
Ω for 5V devices) for all devices, with
or without USB function.
PB0
80
I/O
General I/O port pin
1. PLD Macro-cell outputs
2. PLD inputs
3. Latched Address Out (A0-A7)
PB1
78
I/O
General I/O port pin
PB2
76
I/O
General I/O port pin
PB3
74
I/O
General I/O port pin
PB4
73
I/O
General I/O port pin
PB5
72
I/O
General I/O port pin
PB6
67
I/O
General I/O port pin
PB7
66
I/O
General I/O port pin
PC0
TMS
20
I
JTAG pin
1. PLD Macro-cell outputs
2. PLD inputs
3. SRAM stand by voltage input
(VSTBY)
4. SRAM
battery-on
indicator
(PC4)
5. JTAG pins are dedicated pins
PC1
TCK
16
I
JTAG pin
PC2
VSTBY
15
I/O
General I/O port pin
PC3
TSTAT
14
I/O
General I/O port pin
PC4
TERR
9
I/O
General I/O port pin
PC5
TDI
7
I
JTAG pin
PC6
TDO
6
O
JTAG pin
PC7
5
I/O
General I/O port pin
PD1
CLKIN
3
I/O
General I/O port pin
1. PLD I/O
2. Clock input to PLD and APD
PD2
CSI
1
I/O
General I/O port pin
1. PLD I/O
2. Chip select to PSD Module
Vcc
12
Vcc
50
GND
13
GND
29
GND
69
NC
11
NC
17
NC
71
Port Pin
Signal
Name
Pin No.
In/Out
Function
Basic
Alternate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com