Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP051-4M5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HSP051-4M5
Description  4-line ESD protection for high speed lines
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HSP051-4M5 Datasheet HTML 7Page - STMicroelectronics HSP051-4M5 Datasheet HTML 8Page - STMicroelectronics HSP051-4M5 Datasheet HTML 9Page - STMicroelectronics HSP051-4M5 Datasheet HTML 10Page - STMicroelectronics HSP051-4M5 Datasheet HTML 11Page - STMicroelectronics HSP051-4M5 Datasheet HTML 12Page - STMicroelectronics HSP051-4M5 Datasheet HTML 13Page - STMicroelectronics HSP051-4M5 Datasheet HTML 14Page - STMicroelectronics HSP051-4M5 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
4
Ordering information
Figure 30. Ordering information scheme
HSP 05 x - 4 M5
High speed line protection
05 : VBR(5.7 V min)
1 : version 1 (3 A Ipp and low VCL)
3 : version 3 (very high bandwidth)
4 : 4 lines protected
M5: µQFN-5L (1.3 mm x 0.8 mm)
Table 4. Ordering information
Order code
Marking(1)
Package
Weight
Base qty.
Delivery mode
HSP051-4M5
H1
µQFN-5L
1.04 mg
6000
Tape and reel
HSP053-4M5
H3
1. The marking can be rotated by multiples of 90° to differentiate assembly location
HSP051-4M5, HSP053-4M5
Ordering information
DS11462 - Rev 4
page 13/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com