Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP051-4M5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP051-4M5
Description  4-line ESD protection for high speed lines
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M5 Datasheet(HTML) 2 Page - STMicroelectronics

  HSP051-4M5 Datasheet HTML 1Page - STMicroelectronics HSP051-4M5 Datasheet HTML 2Page - STMicroelectronics HSP051-4M5 Datasheet HTML 3Page - STMicroelectronics HSP051-4M5 Datasheet HTML 4Page - STMicroelectronics HSP051-4M5 Datasheet HTML 5Page - STMicroelectronics HSP051-4M5 Datasheet HTML 6Page - STMicroelectronics HSP051-4M5 Datasheet HTML 7Page - STMicroelectronics HSP051-4M5 Datasheet HTML 8Page - STMicroelectronics HSP051-4M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Characteristics
Table 1. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse
voltage
IEC 61000-4-2: Contact discharge
HSP051-4M5
20
kV
HSP053-4M5
10
IEC 61000-4-2: Air discharge
HSP051-4M5
30
HSP053-4M5
25
IPP
Peak pulse current (8/20 µs)
HSP051-4M5
3
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range
-40 to +150
TL
Maximum lead temperature for soldering during 10 s
260
Figure 1. Electrical characteristics - parameters definition
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current at VRM
V
=
Stand-off voltage
I
=
Forward current
I
BR
RM
RM
F
V
=
Clamping voltage
CL
R
=
Breakdown current
V
=
Forward voltage drop
I
=
Peak pulse current
R
F
PP
d
=
Dynamic resistance
V
I
VCL
VBR
VRM
IRM
IR
IPP
V
I
IF
VF
HSP051-4M5, HSP053-4M5
Characteristics
DS11462 - Rev 4
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com