Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP051-4M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HSP051-4M5
Description  4-line ESD protection for high speed lines
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M5 Datasheet(HTML) 4 Page - STMicroelectronics

  HSP051-4M5 Datasheet HTML 1Page - STMicroelectronics HSP051-4M5 Datasheet HTML 2Page - STMicroelectronics HSP051-4M5 Datasheet HTML 3Page - STMicroelectronics HSP051-4M5 Datasheet HTML 4Page - STMicroelectronics HSP051-4M5 Datasheet HTML 5Page - STMicroelectronics HSP051-4M5 Datasheet HTML 6Page - STMicroelectronics HSP051-4M5 Datasheet HTML 7Page - STMicroelectronics HSP051-4M5 Datasheet HTML 8Page - STMicroelectronics HSP051-4M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1.1
Characteristics (curves)
Figure 2. Leakage current versus junction temperature (typical values)
0.1
1
10
25
50
75
100
125
150
3.6V
5V
VR=VRM
VRM
Ir(nA)
Tj(°C)
Figure 3. HSP051-4M5 S21 attenuation measurement
10M
100M
1G
10G
100G
-12
-10.5
-9
-7.5
-6
-4.5
-3
-1.5
0
S21(dB)
F/Hz
Parameter
Value
Fc at -3dB
|S21| at 10 GHz
11.4 GHz
-2.2dB
Figure 4. HSP053-4M5 S21 attenuation measurement
Parameter
Value
Fc at -3dB
17.8 GHz
|S21| at 10 GHz
-0.8dB
Figure 5. HDMI2.1 12 Gbps eye diagram without
HSP0x-4M5 (with worst cable model (WCM3), EQ with
8 dB CTLE and One-tap DFE
200mV /div
13.9 ps/div
Figure 6. HDMI2.1 12 Gbps eye diagram with HSP05x-4M5
(with worst cable model (WCM3), EQ with 8 dB CTLE and
One-tap DFE
200mV/div
13.9ps /div
HSP051-4M5, HSP053-4M5
Characteristics (curves)
DS11462 - Rev 4
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com