Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7461 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7461
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7461 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7461 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Silan
Semiconductors
SC7461
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.2
2002-02-28.
1
INFRARED REMOTE CONTROL
TRANSMITTER
DESCRIPTION
The SC7461 is a remote control transmitter utilizing CMOS
Technology specially designed for infrared applications. It is
capable of controlling 32 function keys and 3 double keys. SC7461 is
housed in 24 pins, SO Package and provides 13 bits Custom Code.
FEATURES
* CMOS Technology
* Low Power Consumption
* 32+3 Function Keys
* Least External Components
* Wide range of operating voltage: VDD=2.0~5.5V
* Double key operation(No order of priority given)
* On-Chip Oscillator can be constructed using an externally
connected ceramic resonator
* Up to 64 Custom Codes may be selected externally for SC7461
APPLICATIONS
* TV and VCR
* Audio Equipment
SOP-24
ORDERING INFORMATION
Part No.
Package
SC7461
SOP-24-375-1.27
* Audio Cassette Deck
* Air Conditioner
* Multi-Media DVD Player
ORDERING INFORMATION
Valid Part Number
Package
Custom Code in Mask ROM
SC7461-100
SOP-24
C6~C12=1000000
SC7461-101
SOP-24
C6~C12=0000000
SC7461-103
SOP-24
C6~C12=0010000
SC7461-104
SOP-24
C6~C12=1010000


Similar Part No. - SC7461

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
Power Solid State Relay
SC742110 CELDUC-SC742110 Datasheet
97Kb / 2P
Power Solid State Relay
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
SC7422S SILAN-SC7422S Datasheet
169Kb / 8P
2CH AUDIO POWER AMPLIFIER (W x 2)
logo
List of Unclassifed Man...
SC744110 ETC1-SC744110 Datasheet
159Kb / 2P
Power Solid State Relay
More results

Similar Description - SC7461

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2213 PTC-PT2213 Datasheet
63Kb / 4P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com