Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7461 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC7461
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7461 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC7461 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Silan
Semiconductors
SC7461
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.2
2002-02-28.
4
PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1~4
KI0~KI3
I
Key Input Pins
7
OUT
O
Output Pins For Transit LED Drive
8VDD
--
Power Supply
9
TEST
I
LSI Test Pin. This pin is normally set to High State or Floating.
10
OSCI
I
Oscillator Input Pin
11
OSCO
O
Oscillator Output Pin
12
VSS
--
Power Supply Vss=GND
13~20
KO7~KO0
O
Key Scan Timing Signal Output Pins
21~24
5,6
C0~C3
C4~C5
I
Custom Code Input Pins. Capable of externally setting 6 out of
13 bits for custom coding.
FUNCTIONAL DESCRIPTION
1.OSCILLATION CIRCUIT
A self-biased type amplifier is housed by a CMOS Inverter Method. Thus, an oscillation circuit can be
constructed by connecting a ceramic resonator. Please refer to Figure 4 for the oscillation circuit diagram.
100pF
100pF
455KHz
VDD
SC7461
FIGURE 1. OSCILLATION CIRCUIT DIAGRAM
Unless the keys are being operated, the oscillation is normally stopped. Thus, power consumption is considerably
reduced.
2.KEY INPUT
A total of 32 keys can be connected by Key Inputs--KI0~KI3 and Timing Signals--KO0~KO7. Double Key
Operation is possible for only Key No.20 in combination with the other keys connected to the KO5 line, namely: Key
No.21, 22 or 23. Thus, only the following key combinations may be used for the double key operation:
1).Key Nos.20 and 21
2).Key Nos.20 and 22
3).Key Nos.20 and 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com