Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7461 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC7461
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7461 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC7461 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7461 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Silan
Semiconductors
SC7461
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.2
2002-02-28.
5
There is no order of priority given in key input. This means that keys designated for the double keying operation
may be pressed in any sequence. When two keys (designated for the double key operation) are pressed
simultaneously, a series of pulse is outputted according to each key input. Pressing other keys that are NOT
intended for the double key operation do NOT generate any output.
The Key Matrix is given in the following diagram.
5
1
13
9
21
17
29
25
6
2
14
10
22
18
30
26
7
3
15
11
23
19
31
27
8
4
16
12
24
20
0
28
KI0
KI1
KI2
KI3
KO0 KO1 KO2 KO3 KO4 KO5 KO6 KO7
FIGURE 2. KEY MATRIX
3.DOUBLE KEY OPERATION
Double Key Operation is useful for tape deck recording operation. The following table shows the Key Data
corresponding to the double keys pressed. Also refer to the Key Input Section.
Key
D0
D1
D2
D3
D4
D5
D6
D7
K20+K21
1
010
110
0
K20+K22
0
110
110
0
K20+K23
1
110
110
0
NOTE: Key Data--D6 and D7 may be preset to "0", "1" by mask option.
Key 20
Key 21
Key 22
Key 20
Transmission
Data
Key 20&21
Transmission
Data
Key 21
Transmission
Data
Transmission
Stops
Key 22
Transmission
Data
Key 20&22
Transmission
Data
(H=Key-ON)
FIGURE 3. TRANSMISSION DATA DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com