Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305EP Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 94Page - STMicroelectronics L9305EP Datasheet HTML 95Page - STMicroelectronics L9305EP Datasheet HTML 96Page - STMicroelectronics L9305EP Datasheet HTML 97Page - STMicroelectronics L9305EP Datasheet HTML 98Page - STMicroelectronics L9305EP Datasheet HTML 99Page - STMicroelectronics L9305EP Datasheet HTML 100Page - STMicroelectronics L9305EP Datasheet HTML 101Page - STMicroelectronics L9305EP Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
Symbol
Dimensions
Note
Min.
Typ.
Max.
D1
6.90
-
7.50
C
E2
4.30
-
5.20
Notes:
1.
Dimensioning and tolerancing schemes conform to ASME Y14.5M-1994.
2.
All dimensions are in millimeters.
3.
Dimensions D and E1 do not include mold flash or protrusions. Allowable mold flash or protrusions is “0.25
mm” per side D and “0.15 mm” per side E1. D and E1 are Maximum plastic body size dimensions including
mold mismatch.
4.
The top package body size may be smaller than the bottom package size.
5.
Datum A-B and D to be determined at datum plane H.
6.
“N” is the max number of terminal positions for the specified body size.
7.
The dimensions apply to the flat section of the lead between 0.10 to 0.25 mm from the lead tip.
8.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall be 0.10 mm total in
exceed of the “b” dimension at maximum material condition. The dambar cannot be located on the lower
radius of the foot.
9.
This Chamfer feature is optional. If it is not present, then a PIN 1 identifier must be located within the index
area indicated.
10. A1 is defined as the vertical distance from the seating plane to the lowest point on the package body.
11. Dimension D1 and E2 show the minimum allowed for the optional exposed pad. The size of exposed pad is
variable depending of leadframe design pad size. End user should verify “D1” and “E2” dimensions for each
device application.
10.5
PowerSSO-36 marking information
Figure 32. PowerSSO-36 marking information
PowerSSO-36 TOP VIEW
(not in scale)
Last two digits
ES: Engineering sample
<blank>: Commercial sample
Marking area
GAPG2904151300PS_ES
L9305
PowerSSO-36 marking information
DS12774 - Rev 8
page 98/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com