Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305EP Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 28Page - STMicroelectronics L9305EP Datasheet HTML 29Page - STMicroelectronics L9305EP Datasheet HTML 30Page - STMicroelectronics L9305EP Datasheet HTML 31Page - STMicroelectronics L9305EP Datasheet HTML 32Page - STMicroelectronics L9305EP Datasheet HTML 33Page - STMicroelectronics L9305EP Datasheet HTML 34Page - STMicroelectronics L9305EP Datasheet HTML 35Page - STMicroelectronics L9305EP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
Symbol
Parameter
Test condition
Min Typ Max Unit
Pin
LS_RdsON
Low side RdsON
Tj = 150 °C, ILOAD = 1 A
–
–
0.33
Ω
LOAD_SOLx
LS_RdsON
Low side RdsON
Tj = 175 °C, ILOAD = 1 A
–
–
0.375
Ω
LOAD_SOLx
LOAD_SOLx_ton_res
ton filter time
Software mode, Guaranteed by scan
3
3.5
3.9
µs
LOAD_SOLx
LOAD_SOLx_toff_res
toff filter time
Software mode, Guaranteed by scan
3
3.5
3.9
µs
LOAD_SOLx
LOAD_SOLx_SR00
Voltage slew rate
SR00
20% to 80% & 80% to 20%, VBATP = 13 V, Rload =
6 Ω, Cload = 10 nF
0.2
0.3
0.6
V/µs LOAD_SOLx
LOAD_SOLx_SR01
Voltage slew rate
SR01
20% to 80% & 80% to 20%, VBATP = 13 V, Rload =
6 Ω, Cload = 10 nF
0.6
1
1.8
V/µs LOAD_SOLx
LOAD_SOLx_SR10
Voltage slew rate
SR10
20% to 80% & 80% to 20%, VBATP = 13 V, Rload =
6 Ω, Cload = 10 nF
3
4
6
V/µs LOAD_SOLx
LOAD_SOLx_SR11
Voltage slew rate
SR11
20% to 80% & 80% to 20%, VBATP = 13 V, Rload =
6 Ω, Cload = 10 nF
6
8
12
V/µs LOAD_SOLx
LOAD_SOLx_ton00_HS ton 00_HS_mode
SW mode from INx_DISx to 20% in HS
8
–
16
µs
LOAD_SOLx
LOAD_SOLx_ton00_LS ton 00_LS_mode
SW mode from INx_DISx to 80% in LS
12
–
20
µs
LOAD_SOLx
LOAD_SOLx_ton01_HS ton 01_HS_mode
SW mode from INx_DISx to 20% in HS
4
–
10
µs
LOAD_SOLx
LOAD_SOLx_ton01_LS ton 01_LS_mode
SW mode from INx_DISx to 80% in LS
5
–
13
µs
LOAD_SOLx
LOAD_SOLx_ton10
ton 10
SW mode from INx_DISx to 20% in HS, from
INx_DISx to 80% in LS
3
–
8
µs
LOAD_SOLx
LOAD_SOLx_ton11
ton 11
SW mode from INx_DISx to 20% in HS, from
INx_DISx to 80% in LS
3
–
8
µs
LOAD_SOLx
LOAD_SOLx_toff00_HS toff 00_HS_mode
SW mode, from INx_DISx to 80% in HS
10
–
22
µs
LOAD_SOLx
LOAD_SOLx_toff00_LS toff 00_LS_mode
SW mode, from INx_DISx to 20% in LS
16
–
26
µs
LOAD_SOLx
LOAD_SOLx_toff01
toff 01
SW mode, from INx_DISx to 80% in HS, from
INx_DISx to 20% in LS
8
–
20
µs
LOAD_SOLx
LOAD_SOLx_toff10_HS toff 10_HS_mode
SW mode, from INx_DISx to 80% in HS
3
–
8
µs
LOAD_SOLx
LOAD_SOLx_toff10_LS toff 10_LS_mode
SW mode, from INx_DISx to 20% in LS
5
–
10
µs
LOAD_SOLx
LOAD_SOLx_toff11
toff 11
SW mode, from INx_DISx to 80% in HS, from
INx_DISx to 20% in LS
3
–
8
µs
LOAD_SOLx
Table 17. Current control electrical parameters
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Current control
Ireg_range
Current regulation range
HILOAD_x = 0, Design info, not tested
0
–
1.5
A
LOAD_SOLx
Ipeak_range
Peak Current regulation
range
HILOAD_x = 0, Design info, not tested
–
–
1.75
A
LOAD_SOLx
Ireg_res
Current regulation
resolution
HILOAD_x = 0, Design info, not tested
–
0.25
–
mA LOAD_SOLx
Ireg_acc_L
Current regulation
accuracy
HILOAD_x = 0, 0A ≤ Ireg ≤ 0.5A(1)
-5
–
5
mA LOAD_SOLx
Ireg_acc
Current regulation
accuracy
HILOAD_x = 0, 0.5A < Ireg ≤ 1.5A(1)
-1
–
1
%
LOAD_SOLx
Ireg_range
Current regulation range
HILOAD_x = 1, Design info, not tested
0
–
2
A
LOAD_SOLx
Ipeak_range
Peak Current regulation
range
HILOAD_x = 1, Design info, not tested
0
–
2.33
A
LOAD_SOLx
L9305
Valve driver electrical specifications
DS12774 - Rev 8
page 32/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com